Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7882-AZ Datasheet(PDF) 3 Page - California Eastern Labs

Part # MC-7882-AZ
Description  870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7882-AZ Datasheet(HTML) 3 Page - California Eastern Labs

  MC-7882-AZ Datasheet HTML 1Page - California Eastern Labs MC-7882-AZ Datasheet HTML 2Page - California Eastern Labs MC-7882-AZ Datasheet HTML 3Page - California Eastern Labs MC-7882-AZ Datasheet HTML 4Page - California Eastern Labs MC-7882-AZ Datasheet HTML 5Page - California Eastern Labs MC-7882-AZ Datasheet HTML 6Page - California Eastern Labs MC-7882-AZ Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC-7882
PACKAGE DIMENSIONS
7-PIN SPECIAL WITH HEATSINK (UNIT: mm)
27.5 MAX.
38.1±0.25
45.08 MAX.
0.51±0.05
6-32UNC2B
123
789
5
19.05±0.38
2.54±0.38
0.51±0.05
4.25
+0.25
–0.35
±0.05
0.38.. A
2.5
6.3
2.54±0.25
25.4±0.25
A
φ
PIN CONNECTION
1
2378
IN
9
OUT
GND
VDD
5
Data Sheet PG10314EJ02V0DS
3


Similar Part No. - MC-7882-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC-7882-AZ RENESAS-MC-7882-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

Similar Description - MC-7882-AZ

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881_2015 JMNIC-MC-7881_2015 Datasheet
39Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7845 CEL-MC-7845_06 Datasheet
298Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846 CEL-MC-7846 Datasheet
298Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com