Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7893 Datasheet(PDF) 2 Page - California Eastern Labs

Part # MC-7893
Description  1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7893 Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7893 Datasheet HTML 1Page - California Eastern Labs MC-7893 Datasheet HTML 2Page - California Eastern Labs MC-7893 Datasheet HTML 3Page - California Eastern Labs MC-7893 Datasheet HTML 4Page - California Eastern Labs MC-7893 Datasheet HTML 5Page - California Eastern Labs MC-7893 Datasheet HTML 6Page - California Eastern Labs MC-7893 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC-7893
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
77 channel,
7 dB tilted across the band
30.0
36.0
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
±5°C, VDD = 24 V, ZS = ZL = 75 Ω, unless otherwise
specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain 1
GL1
f = 40 MHz
21.0
22.0
dB
Linear Gain 2
GL2
f = 1 GHz
22.5
24.0
dB
Gain Slope
GSlope
f = 40 MHz to 1 GHz
0.8
2.2
dB
Gain Flatness
GFlatness
f = 40 MHz to 1 GHz, Peak to valley
0.6
dB
Noise Figure 1
NF1
f = 50 MHz
6.5
dB
Noise Figure 2
NF2
f = 1 GHz
7.0
dB
Operating Current
IDD
RF OFF
385
mA
Composite Triple Beat
CTB
77 channel,
−63
dBc
Cross Modulation
XM
VO = 52 dBmV at 547.25 MHz,
−60
dBc
Composite 2nd Order Beat
CSO
7 dB tilted across the band
−65
dBc
Input Return Loss 1
RLi1
f = 40 MHz
20
dB
Input Return Loss 2
RLi2
f = 1 GHz
14
dB
Output Return Loss 1
RLo1
f = 40 MHz
23
dB
Output Return Loss 2
RLo2
f = 1 GHz
17
dB
Data Sheet PG10560EJ02V0DS
2


Similar Part No. - MC-7893

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7893-AZ NEC-MC-7893-AZ Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893-AZ RENESAS-MC-7893-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
Quanzhou Jinmei Electro...
MC-7893 JMNIC-MC-7893_15 Datasheet
61Kb / 6P
   MC-7893_15
More results

Similar Description - MC-7893

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7896 CEL-MC-7896 Datasheet
153Kb / 5P
   1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7891 CEL-MC-7891 Datasheet
855Kb / 5P
   1 GHz CATV 19 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7894 NEC-MC-7894 Datasheet
53Kb / 6P
   1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com