Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL5461P1SD Datasheet(PDF) 1 Page - California Eastern Labs

Part # NDL5461P1SD
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5461P1SD Datasheet(HTML) 1 Page - California Eastern Labs

  NDL5461P1SD Datasheet HTML 1Page - California Eastern Labs NDL5461P1SD Datasheet HTML 2Page - California Eastern Labs NDL5461P1SD Datasheet HTML 3Page - California Eastern Labs NDL5461P1SD Datasheet HTML 4Page - California Eastern Labs NDL5461P1SD Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1000 to 1600 nm OPTICAL
FIBER COMMUNICATIONS
φ80 µm
InGaAs PIN PHOTO DIODE MODULE
NDL5461P
SERIES
FEATURES
• SMALL DARK CURRENT:
ID = 0.1 nA
• HIGH QUANTUM EFFICIENCY:
η = 86% at λ = 1300 nm
η = 75% at λ = 1550 nm
• DETECTING AREA SIZE:
φ 80 µm
• COAXIAL MODULE WITH MULTIMODE FIBER:
GI-50/125
• OPTIONAL SINGLE MODE FIBER:
SM-9/125
• LOW OPERATING VOLTAGE:
VR = 5 V
The NDL5461P Series are InGaAs PIN photo diode modules
with multimode fiber. They are designed for long wavelength
transmission systems and cover the wavelength range be-
tween 1000 and 1600 nm with high efficiency.
DESCRIPTION
PART NUMBER
NDL5461P Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ID
Dark Current, VR = 5 V
nA
0.1
1.0
Ct
Terminal Capacitance, VR = 5 V, f = 1 MHz
pF
1.0
1.5
η
Quantum Efficiency,
λ = 1300 nm
%
75
86
λ = 1550 nm
64
75
S
Responsivity,
λ = 1300 nm
A/W
0.78
0.89
λ = 1550 nm
0.80
0.94
fC
Cut-off Frequency, VR = 5 V,
λ = 1300 nm, RL = 50 Ω
GHz
2.5
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
California Eastern Laboratories


Similar Part No. - NDL5461P1SD

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5461P1SD NEC-NDL5461P1SD Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
More results

Similar Description - NDL5461P1SD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com