Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL5421P2C Datasheet(PDF) 4 Page - California Eastern Labs

Part # NDL5421P2C
Description  1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL5421P2C Datasheet(HTML) 4 Page - California Eastern Labs

  NDL5421P2C Datasheet HTML 1Page - California Eastern Labs NDL5421P2C Datasheet HTML 2Page - California Eastern Labs NDL5421P2C Datasheet HTML 3Page - California Eastern Labs NDL5421P2C Datasheet HTML 4Page - California Eastern Labs NDL5421P2C Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NDL5421P SERIES
NDL5421P1
NDL5421P
NDL5421P2
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
1. Anode (Negative)
2. Cathode (Positive)
3. Case
φ2.5
2-
φ2.2
φ2.0
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
30.0 MAX
1.5
12.5 MIN
6.9
±0.3
3.9
±0.5
4.0
±0.3
7.0
±0.3
18.0
±0.1
14.0
±0.1
4.0
±0.1
3
1
2
1
3
2
+0.0
- 0.1
φ6.0
φ2.5
φ2.0
2-
φ2.5
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
+0.0
- 0.1
φ6.0
30.0 MAX
12.5 MIN
2.5
±0.1
0.5
±0.1
3
1
2
12.0
±0.1
7.0
±0.15
16.0
±0.2
φ2.5
φ0.45
φ2.0
Optical Fiber
GI-50/125
Length: 1 m MIN
Shrunk Tube
+0.0
- 0.1
6.0
+0.0
- 0.1
φ6.0
30.0 MAX
12.5 MIN
6.9
±0.3
3.0
±0.3
3
1
2


Similar Part No. - NDL5421P2C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5421P2C NEC-NDL5421P2C Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5421P2C RENESAS-NDL5421P2C Datasheet
195Kb / 10P
   PHOTO DIODE
1995
More results

Similar Description - NDL5421P2C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com