Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFS45V2735 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFS45V2735
Description  2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS45V2735 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFS45V2735_04 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS45V2735_04 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFS45V2735_04 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGFS45V2735
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
TYPICAL CHARACTERISTICS
S parameters
( Ta=25deg.C , VDS=10(V),IDS=8(A) )
S-Parameter (TYP.)
f
S11
S21
S12
S22
(GHz)
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
2.60
0.63
88
3.39
38
0.03
-17
0.59
26
2.70
0.58
47
3.90
3
0.04
-52
0.49
-1
2.80
0.51
1
4.30
-31
0.05
-86
0.41
-30
2.90
0.47
-51
4.52
-66
0.06
-122
0.32
-67
3.00
0.47
-105
4.51
-101
0.06
-157
0.27
-106
3.10
0.50
-152
4.33
-135
0.06
166
0.24
-137
3.20
0.51
166
4.15
-168
0.05
134
0.23
-165
3.30
0.49
123
4.04
159
0.06
100
0.21
174
3.40
0.45
61
3.92
117
0.06
49
0.15
149
3.50
0.48
-11
3.60
76
0.06
8
0.05
165
3.60
0.64
-75
2.86
33
0.05
-40
0.16
-115
June-'04
P1dB,GLP vs. f
41
42
43
44
45
46
47
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
FREQUENCY f (GHz)
10
12
14
16
18
20
22
VDS=10V
ID=8A
P1dB
GLP
Po,P.A.E. vs. Pin
25
30
35
40
45
50
15
20
25
30
35
40
INPUT POWER Pin (dBm)
0
20
40
60
80
100
VDS=10V
ID=8A
f=3.1GHz
Po
P.A.E.
111
Po,IM3 vs. Pin
26
28
30
32
34
36
38
40
42
18
20
22
24
26
28
30
INPUT POWER Pin (dBm) S.C.L.
-60
-50
-40
-30
-20
-10
0
10
20
IM3
Po
VDS=10V
IDS=8A
f=3.5GHz
Delta f=10MHz
2-tone test
MITSUBISHI
ELECTRIC


Similar Part No. - MGFS45V2735_04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS45V2735 MITSUBISHI-MGFS45V2735_11 Datasheet
128Kb / 3P
   2.7-3.5 GHz BAND / 30W
More results

Similar Description - MGFS45V2735_04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
156Kb / 2P
   2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735_98 Datasheet
68Kb / 3P
   2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
   2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFC45B3436B MITSUBISHI-MGFC45B3436B Datasheet
414Kb / 6P
   3.4 - 3.6GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
MGFC42V7177 MITSUBISHI-MGFC42V7177 Datasheet
105Kb / 2P
   C band Internally Matched Power GaAs FET
MGFC36V6472A MITSUBISHI-MGFC36V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC38V6472 MITSUBISHI-MGFC38V6472_11 Datasheet
115Kb / 3P
   C band internally matched power GaAs FET
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com