Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7408PLC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NDL7408PLC
Description  1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NDL7408PLC Datasheet(HTML) 1 Page - California Eastern Labs

  NDL7408PLC Datasheet HTML 1Page - California Eastern Labs NDL7408PLC Datasheet HTML 2Page - California Eastern Labs NDL7408PLC Datasheet HTML 3Page - California Eastern Labs NDL7408PLC Datasheet HTML 4Page - California Eastern Labs NDL7408PLC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1310 nm InGaAsP STRAINED
MQW DC-PBH LASER DIODE COAXIAL
MODULE WITH SINGLE MODE FIBER
NDL7408P
SERIES
FEATURES
• CENTER WAVELENGTH
λC = 1310 nm
• TWO TYPES OF OUTPUT POWER:
1.0 mW (NDL7408PK Series)
0.2 mW (NDL7408PL Series)
• LOW THRESHOLD CURRENT:
ITH = 12 mA TYP at TC = 25
°C
• HIGH CUT-OFF FREQUENCY
fC = 2.0 GHz
• InGaAs MONITOR PIN-PD
• WIDE OPERATING TEMPERATURE RANGE:
-40 to +85
°C
• BASED ON BELLCORE TA-NWT-000983
The NDL7408P Series is a 1310 nm laser diode coaxial
module with single mode fiber. It has a strained Multiple
Quantum Well (st-MQW) structure and a built-in InGaAs
monitor photo diode. It is recommended for junction or access
network systems. The series is available in two types of output
power: 1.0 mW and 0.2 mW.
DESCRIPTION
California Eastern Laboratories
PART NUMBER
NDL7408P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VOP
Operating Voltage1
V
1.1
1.3
ITH
Threshold Current,
mA
10
25
TC = +85
°C25
50
IMOD
Modulation Current,
Pf = 1.0 mW for NDL7408PK Series
mA
15
30
Pf = 0.2 mW for NDL7408PL Series
ηD
Differential Efficiency from Fiber for NDL7408PK
W/A
0.025
0.050
Series,
TC = +85
°C
0.018
0.035
ηD
Differential Efficiency from Fiber for NDL7408PL
W/A
0.010
0.015
Series,
TC = +85
°C
0.005
0.010
λC
Center Emission Wavelength1, RMS (-20 dB)
nm
1290
1310
1330
TC = -40 to +85
°C
1260
1360
∆λ/∆T
Temperature Dependence of Center Emission
Wavelength,
TC = -40 to +85
°C
nm/
°C
0.4
0.5
σ
Spectral Width1, RMS (-20 dB)
nm
1.3
2.5
TC = +85
°C
1.5
4
fC
Cut-off Frequency, -3 dB
GHz
2.0
tr
Rise Time, 10 to 90%
ns
0.2
0.5
tf
Fall Time, 90 to 10%
ns
0.3
0.5
Im
Monitor Current of PD1, VRD = 5 V
µA
100
700
ID
Dark Current of PD, VRD = 5 V
nA
0.1
10
γ
Tracking Error2, Im = const., TC = -40 to +85
°C
dB
0.5
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
Note: 1. Pf = 1.0 mW for NDL7408PK Series
Pf = 0.2 mW for NDL7408PL Series
Pf
2.
γ = 10 log
XmW
Pf
XmW
TC = 25
°C
(at Pf (25
°C) = XmW)
X = 1.0 mW at NDL7408PK Series
X = 0.2 mW at NDL7408PL Series
TC = -40 to +85
°C
X
0
Pf
Im
Im


Similar Part No. - NDL7408PLC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7408PLC NEC-NDL7408PLC Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
Renesas Technology Corp
NDL7408PLC RENESAS-NDL7408PLC Datasheet
209Kb / 10P
   LASER DIODE
1994
More results

Similar Description - NDL7408PLC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
   1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com