Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML920J40S-09 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ML920J40S-09
Description  2.5Gbps InGaAsP DFB LASER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML920J40S-09 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML920J40S-09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML920J40S-09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML920J40S-09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUBISHI LASER DIODES
ML9XX40 SERIES
Notice : Some parametric limits are subject to change
2.5Gbps
InGaAsP DFB LASER DIODE
Feb. 2005
MITSUBISHI
ELECTRIC
OUTLINE DRAWINGS
(1)
φ3.75±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.3
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
Top View
ML925J11F
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(2)
(3)
(4)
PD
LD
ML920L11S
ML925B40F
ML920J40S
Dimensions : mm
(1)
φ1.0Min.
φ2.0Min.
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
ML925J40F
ML920L40S
Dimensions : mm
ML925B11F
Case
(1)
(2)
(3)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(2)
(3)
(4)
PD
LD
ML920J11S
ML925B40F
ML920J40S
Pin Connection
(Top view)
ML925J40F
ML920L40S


Similar Part No. - ML920J40S-09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML920J43S MITSUBISHI-ML920J43S Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920J45S MITSUBISHI-ML920J45S Datasheet
199Kb / 3P
   1550,1520nm InGaAsP FP LASER DIODES
More results

Similar Description - ML920J40S-09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX37 MITSUBISHI-ML9XX37 Datasheet
64Kb / 2P
   High Power InGaAsP DFB LASER DIODE
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com