Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML925B11F-04 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ML925B11F-04
Description  InGaAsP DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML925B11F-04 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML925B11F-04 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML925B11F-04 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML925B11F-04 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUBISHI LASER DIODES
ML9XX11,ML9XX16,ML9XX22 SERIES
Notice : Some parametric limits are subject to change
InGaAsP DFB LASER DIODES
Dec. 2004
MITSUBISHI
ELECTRIC
OUTLINE DRAWINGS
(1)
φ3.75±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.3
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
Top View
ML925B11F
ML925B16F
ML925B22F
ML920J11S
ML920J16S
ML920J22S
Dimension : mm
(1)
φ1.0Min.
φ2.0Min.
φ3.55±0.1
φ5.6
+0
-0.03
4-φ0.45±0.05
(2)
1±0.1
φ2.0±0.25
(P.C.D.)
φ4.25
(3)
(4)
(0.25)
Reference
Plane
Emitting
Facet
(1)
(2)
ML925B11F,ML925B16F,ML925B22F
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
ML920J11S,ML920J16S,ML920J22S
ML925J11F
ML925J16F
ML925J22F
ML920L11S
ML920L16S
ML920L22S
Dimension : mm
ML925J11F,ML925J16F,ML925J22F
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
Pin Connection
( Top view )
Case
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
PD
LD
ML920L11S,ML920L16S,ML920L22S


Similar Part No. - ML925B11F-04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML925B11F MITSUBISHI-ML925B11F Datasheet
178Kb / 4P
   Notice : Some parametric limits are subject to change InGaAsP DFB LASER DIODES
More results

Similar Description - ML925B11F-04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
ML9XX12 MITSUBISHI-ML9XX12 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML9XX11 MITSUBISHI-ML9XX11 Datasheet
145Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX4 MITSUBISHI-ML7XX4 Datasheet
112Kb / 3P
   InGaAsP-MQW-DFB LASER DIODES???
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com