Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9SM31-02-09 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML9SM31-02-09
Description  InGaAsP DFB-LASER DIODE WITH EA MODULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML9SM31-02-09 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML9SM31-02-09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML9SM31-02-09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUBISHI LASER DIODES
ML9XX31 SERIES
InGaAsP DFB-LASER DIODE WITH EA MODULATOR
MITSUBISHI
ELECTRIC
May, 2004
OUTLINE DRAWINGS
0.6
0.15
Rear
Front
0.15
1.08
Beam
Point
(1)
(2)
(3)
(3)
0.6
0.15
Rear
Front
0.15
1.08
Beam
Point
(1)
1.08
Beam
Point
(1)
(2)
(3)
(3)
Wavelength code list
Code
Wavelength(nm)
00
1530 to 1565
non WDM (single channel)
Code
Wavelength(nm)
Code
Wavelength(nm)
01
1529.55
24
1547.72
02
1530.33
25
1548.51
03
1531.12
26
1549.32
04
1531.90
27
1550.12
05
1532.68
28
1550.92
06
1533.47
29
1551.72
07
1534.25
30
1552.52
08
1535.04
31
1553.33
09
1535.82
32
1554.13
10
1536.61
33
1554.94
11
1537.40
34
1555.75
12
1538.19
35
1556.55
13
1538.98
36
1557.36
14
1539.77
37
1558.17
15
1540.56
38
1558.98
16
1541.35
39
1559.79
17
1542.14
40
1560.61
18
1542.94
41
1561.42
19
1543.73
42
1562.23
20
1544.53
43
1563.05
21
1545.32
44
1563.86
22
1546.12
45
1564.68
23
1546.92
46
1565.50
Ordering information
ML9SM31-01-01
Wavelength code
Part number (-01 for 10Gbps, -02 for 2.5Gbps)
Device type
ML9SM31
Notice: Some parametric limits are subject to change.
*) The LD and EAM cathode is contacted
with the back side of the carrier.
ML9SM31
(1) Case
EAM
LD
(3)
(2)


Similar Part No. - ML9SM31-02-09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9SM37 MITSUBISHI-ML9SM37 Datasheet
64Kb / 2P
   High Power InGaAsP DFB LASER DIODE
More results

Similar Description - ML9SM31-02-09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX14 MITSUBISHI-ML9XX14 Datasheet
87Kb / 2P
   InGaAsP DFB-LD with EA modulator
ML9XX15 MITSUBISHI-ML9XX15 Datasheet
82Kb / 2P
   InGaAsP DFB-LD with EA modulator?
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
Mitsubishi Electric Sem...
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com