Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA13H4452M Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA13H4452M
Description  RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4452M Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA13H4452M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4452M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA13H4452M
RA13H4452M
MITSUBISHI ELECTRIC
24 Jan 2006
8/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) Non-linear FM modulation:
By the gate voltage (VGG).
When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage
current flows from the battery into the drain.
Around VGG=4V, the output power and drain current increases substantially.
Around VGG=4.5V (typical) to VGG=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and
drain, a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50Ω?
c) Is the source impedance ZG=50Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips
and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally
induced mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions
exceeding those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile
radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout,
which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures
are found.
Keep safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there
is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as
(i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or
mishap.


Similar Part No. - RA13H4452M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4452M-01 MITSUBISHI-RA13H4452M-01 Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
More results

Similar Description - RA13H4452M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_10 Datasheet
93Kb / 9P
   440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_06 Datasheet
246Kb / 8P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_11 Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_11 Datasheet
256Kb / 9P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com