Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H0608M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA30H0608M
Description  RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H0608M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA30H0608M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H0608M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA30H0608M
RA30H0608M
MITSUBISHI ELECTRIC
24 Jan 2006
5/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
12.0 ±1
16.5 ±1
43.5 ±1
55.5 ±1
66.0 ±0.5
60.0 ±0.5
51.5 ±0.5
3.0 ±0.3
7.25 ±0.8
2-R2 ±0.5
Ø0.45 ±0.15
5
1
2
3
4
(50.4)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
OUTLINE DRAWING (mm)


Similar Part No. - RA30H0608M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H0608M-01 MITSUBISHI-RA30H0608M-01 Datasheet
57Kb / 9P
   68-88MHz 30W 12.5V MOBILE RADIO
More results

Similar Description - RA30H0608M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H0608M MITSUBISHI-RA30H0608M_11 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_10 Datasheet
96Kb / 9P
   66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
238Kb / 8P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_11 Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com