Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H1721M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA30H1721M
Description  RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H1721M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA30H1721M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA30H1721M
RA30H1721M
MITSUBISHI ELECTRIC
24 Jan 2006
3/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
165
175
185
195
205
215
225
FREQUENCY f(MHz)
0
20
40
60
80
100
120
VDD=12.5V
VGG=5V
Pin=50mW
Pout
η
T
ρ
in
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=175MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=195MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
165
175
185
195
205
215
225
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd: < -60dBc
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=175MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=215MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=195MHz,
VDD=12.5V,
VGG=5V
IDD


Similar Part No. - RA30H1721M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M-101 MITSUBISHI-RA30H1721M-101 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M-101 MITSUBISHI-RA30H1721M-101 Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H1721M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1721M MITSUBISHI-RA30H1721M_11 Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_11 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com