Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H1721M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H1721M
Description  RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H1721M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H1721M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H1721M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA30H1721M
RA30H1721M
MITSUBISHI ELECTRIC
24 Jan 2006
4/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
10
20
30
40
50
60
22.5
33.5
44.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=175MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10121416
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=215MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
22.5
33.5
44.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=195MHz,
VDD=12.5V,
VGG=5V
IDD
0
10
20
30
40
50
60
22.5
33.5
44.5
5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=215MHz,
VDD=12.5V,
VGG=5V
IDD


Similar Part No. - RA30H1721M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M-101 MITSUBISHI-RA30H1721M-101 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M-101 MITSUBISHI-RA30H1721M-101 Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H1721M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1721M MITSUBISHI-RA30H1721M_11 Datasheet
172Kb / 9P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M_06 Datasheet
223Kb / 8P
   RoHS Compliance , 210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_11 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com