Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274AIPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AIPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274AIPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2274AIPWR Datasheet HTML 5Page - Texas Instruments TLC2274AIPWR Datasheet HTML 6Page - Texas Instruments TLC2274AIPWR Datasheet HTML 7Page - Texas Instruments TLC2274AIPWR Datasheet HTML 8Page - Texas Instruments TLC2274AIPWR Datasheet HTML 9Page - Texas Instruments TLC2274AIPWR Datasheet HTML 10Page - Texas Instruments TLC2274AIPWR Datasheet HTML 11Page - Texas Instruments TLC2274AIPWR Datasheet HTML 12Page - Texas Instruments TLC2274AIPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
TLC227x, TLC227xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS190G − FEBRUARY 1997 − REVISED MAY 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2272C operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2272C
TLC2272AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at
VO = ± 2.3 V,
RL = 10 kΩ,
25
°C
2.3
3.6
2.3
3.6
SR
Slew rate at
unity gain
VO = ± 2.3 V,
CL = 100 pF
RL = 10 kΩ,
Full
1.7
1.7
V/
µs
SR
unity gain
CL = 100 pF
Full
range
1.7
1.7
V/
µs
Vn
Equivalent input
f = 10 Hz
25
°C
50
50
nV/
√Hz
Vn
Equivalent input
noise voltage
f = 1 kHz
25
°C
9
9
nV/
√Hz
VNPP
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1
1
V
VNPP
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.4
1.4
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA/
√Hz
Total harmonic
VO = ± 2.3 V,
AV = 1
0.0011%
0.0011%
THD + N
Total harmonic
distortion pulse
duration
VO = ± 2.3 V,
f = 20 kHz,
R = 10 k
AV = 10
25
°C
0.004%
0.004%
THD + N
distortion pulse
duration
f = 20 kHz,
RL = 10 kΩ
AV = 100
25 C
0.03%
0.03%
Gain-bandwidth
f = 10 kHz,
RL = 10 kΩ,
25
°C
2.25
2.25
MHz
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF
RL = 10 kΩ,
25
°C
2.25
2.25
MHz
BOM
Maximum output-
VO(PP) = 4.6 V,
AV = 1,
25
°C
0.54
0.54
MHz
BOM
Maximum output-
swing bandwidth
VO(PP) = 4.6 V,
RL = 10 kΩ,
AV = 1,
CL = 100 pF
25
°C
0.54
0.54
MHz
AV = − 1,
To 0.1%
1.5
1.5
ts
Settling time
AV = − 1,
Step = − 2.3 V to 2.3 V,
To 0.1%
25
°C
1.5
1.5
s
ts
Settling time
Step = − 2.3 V to 2.3 V,
RL = 10 kΩ,
To 0.01%
25
°C
3.2
3.2
µs
s
RL = 10 kΩ,
CL = 100 pF
To 0.01%
3.2
3.2
φm
Phase margin at
unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
52
°
52
°
Gain margin
RL = 10 kΩ,
CL = 100 pF
25
°C
10
10
dB
† Full range is 0°C to 70°C.


Similar Part No. - TLC2274AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AIPWR TI-TLC2274AIPWR Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AIPWR TI1-TLC2274AIPWR Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AIPWR TI-TLC2274AIPWR Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AIPWRG4 TI-TLC2274AIPWRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AIPWRG4 TI1-TLC2274AIPWRG4 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Similar Description - TLC2274AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com