Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G126GM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP2G126GM
Description  Low-power dual buffer/line driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G126GM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP2G126GM Datasheet HTML 3Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G126GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74AUP2G126_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 9 October 2006
7 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
[2]
To show ICC remains very low when the input-disable feature is enabled.
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.30
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.11 -
-
V
IO = −1.1 mA; VCC = 1.1 V
0.6
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO =0A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
data input; VI =VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
75
µA
nOE input; VI =VCC − 0.6 V; IO =0 A;
VCC = 3.3 V
[1] -
-
180
µA
all inputs; VI = GND to 3.6 V;
nOE = GND; VCC = 0.8 V to 3.6 V
[2] --
1
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP2G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126GM NXP-74AUP2G126GM Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
More results

Similar Description - 74AUP2G126GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com