Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETU04-1TRL Datasheet(PDF) 2 Page - International Rectifier

Part # 8ETU04-1TRL
Description  Ultrafast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETU04-1TRL Datasheet(HTML) 2 Page - International Rectifier

  8ETU04-1TRL Datasheet HTML 1Page - International Rectifier 8ETU04-1TRL Datasheet HTML 2Page - International Rectifier 8ETU04-1TRL Datasheet HTML 3Page - International Rectifier 8ETU04-1TRL Datasheet HTML 4Page - International Rectifier 8ETU04-1TRL Datasheet HTML 5Page - International Rectifier 8ETU04-1TRL Datasheet HTML 6Page - International Rectifier 8ETU04-1TRL Datasheet HTML 7Page - International Rectifier 8ETU04-1TRL Datasheet HTML 8Page - International Rectifier 8ETU04-1TRL Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8ETU04SPbF, 8ETU04-1PbF
Bulletin PD-21076 08/05
2
www.irf.com
VBR, Vr
Breakdown Voltage,
400
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
1.19
1.3
V
IF = 8A
-
0.94
1.0
V
IF = 8A, TJ = 150°C
IR
Reverse Leakage Current
-
0.2
10
µA
VR = VR Rated
-
20
500
µA
TJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
14
-
pF
VR = 400V
LS
Series Inductance
-
8.0
-
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max Units Test Conditions
Measured lead to lead 5mm from package body
trr
Reverse Recovery Time
-
35
60
ns
IF = 1.0A, diF/dt = 50A/µA, VR = 30V
-43
-
TJ = 25°C
67
TJ = 125°C
IRRM
Peak Recovery Current
-
2.8
-
A
TJ = 25°C
-
6.3
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
60
-
nC
TJ = 25°C
-
210
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 8A
VR = 200V
diF /dt = 200A/µs
Parameters
Min Typ Max Units Test Conditions
Typical Socket Mount
Mounting Surface, Flat, Smooth and Greased
Parameters
Min
Typ
Max
Units
TJ
Max. Junction Temperature Range
- 65
-
175
°C
TStg
Max. Storage Temperature Range
- 65
-
175
RthJC
Thermal Resistance, Junction to Case
-
1.8
2.0
°C/W
RthJA
Thermal Resistance, Junction to Ambient
-
-
50
RthCS
Thermal Resistance, Case to Heatsink
-
0.5
-
Weight
-
2.0
-
g
-
0.07
-
(oz)
Mounting Torque
6.0
-
12
Kg-cm
5.0
-
10
lbf.in
Marking Device
8ETU04S
Case style D2Pak
8ETU04-1
Case style TO-262
Thermal - Mechanical Characteristics


Similar Part No. - 8ETU04-1TRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETU04-1TRL VISHAY-8ETU04-1TRL Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETU04-1TRLPBF VISHAY-8ETU04-1TRLPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
8ETU04-1TRLPBF VISHAY-8ETU04-1TRLPBF Datasheet
174Kb / 9P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 8ETU04-1TRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com