Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG790EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-ADG790EBZ
Description  Low Voltage, CMOS Multimedia Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG790EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-ADG790EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADG790EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG790
Rev. 0 | Page 9 of 20
0
–20
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–2
–4
–6
–8
–10
–12
–14
–16
–18
VDD = 3.3V
TA = 25°C
Figure 9. On Response vs. Frequency,
Low Distortion Section (4:1 Multiplexers)
X = 20ns/DIV Y = 835mV/DIV
Figure 10. USB 1.1 Eye Diagram
X = 250ps/DIV Y = 100mV/DIV
Figure 11. USB 2.0 Eye Diagram
–10
–110
0.0001
1000
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
–20
–30
–40
–50
–60
–70
–80
–90
–100
VDD = 3.3V
TA = 25°C
WIDE BANDWIDTH AND LOW
DISTORTION SECTIONS
Figure 12. Off Isolation vs. Frequency
–20
–120
0.0001
1000
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
–30
–40
–50
–60
–70
–80
–90
–100
–110
VDD = 3.3V
TA = 25°C
WIDE BANDWIDTH AND
LOW DISTORTION SECTIONS
INPUT SIGNAL = 0dBm
DC BIAS = 0.5V
Figure 13. Crosstalk vs. Frequency
1.3
0.5
10
100000
FREQUENCY (Hz)
100
1000
10000
VDD = 3.3V
RL = 32Ω
VS = 2V p-p
TA = 25°C
DC BIAS = 1.65V
WIDE BANDWIDTH SECTION
LOW DISTORTION SECTION
1.2
1.1
1.0
0.9
0.8
0.7
0.6
Figure 14. THD + N vs. Frequency


Similar Part No. - EVAL-ADG790EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG793GEB2 AD-EVAL-ADG793GEB2 Datasheet
541Kb / 24P
   I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
EVAL-ADG795GEB2 AD-EVAL-ADG795GEB2 Datasheet
543Kb / 24P
   I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
EVAL-ADG796AEB AD-EVAL-ADG796AEB Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
EVAL-ADG798EB1Z AD-EVAL-ADG798EB1Z Datasheet
429Kb / 22P
   High Temperature, Low Voltage 8-Channel Multiplexer
More results

Similar Description - EVAL-ADG790EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG790 AD-ADG790_15 Datasheet
403Kb / 20P
   Low Voltage, CMOS Multimedia Switch
REV. A
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
logo
Analog Devices
ADG752 AD-ADG752 Datasheet
131Kb / 8P
   CMOS, Low Voltage RF/Video, SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Analog Devices
ADG751 AD-ADG751 Datasheet
120Kb / 10P
   CMOS, Low Voltage RF/Video, SPST Switch
REV. 0
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736L AD-ADG736L Datasheet
269Kb / 12P
   CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com