Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6420 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO6420
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6420 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO6420 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6420 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6420 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6420 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO6420
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
2.3
3
V
ID(ON)
20
A
50
60
TJ=125°C
85
60
75
m
gFS
13
S
VSD
0.78
1
V
IS
3A
Ciss
450
540
pF
Coss
60
pF
Crss
25
pF
Rg
1.65
2
Qg(10V)
9.5
11.5
nC
Qg(4.5V)
4.3
5.5
nC
Qgs
1.6
nC
Qgd
2.2
nC
tD(on)
5.1
7
ns
tr
2.6
4
ns
tD(off)
15.9
20
ns
tf
23
ns
trr
25.1
35
ns
Qrr
28.7
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge
Total Gate Charge
IF=4.2A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=4.2A, dI/dt=100A/µs
Input Capacitance
N Channel Electrical Characteristics (T J=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
VGS=4.5V, ID=3A
VDS=5V, ID=4.2A
IS=1A,VGS=0V
VGS=10V, ID=4.2A
Diode Forward Voltage
VGS=10V, VDS=30V, RL=7Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=30V, ID=4.2A
VGS=0V, VDS=30V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
Output Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in
any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA curve
provides a single pulse rating.
F.The current rating is based on the t ≤ 10s thermal resistance rating.
Rev0: Feb. 2007
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO6420

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6420 AOSMD-AO6420 Datasheet
201Kb / 4P
   60V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6420 KEXIN-AO6420 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO6420-HF KEXIN-AO6420-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6420 AOSMD-AO6420_12 Datasheet
201Kb / 4P
   60V N-Channel MOSFET
More results

Similar Description - AO6420

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com