Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB87N03T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHB87N03T
Description  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB87N03T Datasheet(HTML) 3 Page - NXP Semiconductors

  PHB87N03T Datasheet HTML 1Page - NXP Semiconductors PHB87N03T Datasheet HTML 2Page - NXP Semiconductors PHB87N03T Datasheet HTML 3Page - NXP Semiconductors PHB87N03T Datasheet HTML 4Page - NXP Semiconductors PHB87N03T Datasheet HTML 5Page - NXP Semiconductors PHB87N03T Datasheet HTML 6Page - NXP Semiconductors PHB87N03T Datasheet HTML 7Page - NXP Semiconductors PHB87N03T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHB87N03T
Standard level FET
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
75
A
current
I
DRM
Pulsed reverse drain current
-
-
240
A
V
SD
Diode forward voltage
I
F = 25 A; VGS = 0 V
-
0.95
1.2
V
I
F = 75 A; VGS = 0 V
-
1.0
-
V
t
rr
Reverse recovery time
I
F = 75 A; -dIF/dt = 100 A/µs;
-
95
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 25 V
-
0.15
-
µC
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 45 A; VDD ≤ 15 V;
-
-
200
mJ
unclamped inductive turn-off
V
GS = 10 V; RGS = 50 Ω; Tmb = 25 ˚C
energy
December 1997
3
Rev 1.200


Similar Part No. - PHB87N03T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB87N03LT PHILIPS-PHB87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
More results

Similar Description - PHB87N03T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com