Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW76B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BPW76B
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW76B Datasheet(HTML) 4 Page - Vishay Siliconix

  BPW76B Datasheet HTML 1Page - Vishay Siliconix BPW76B Datasheet HTML 2Page - Vishay Siliconix BPW76B Datasheet HTML 3Page - Vishay Siliconix BPW76B Datasheet HTML 4Page - Vishay Siliconix BPW76B Datasheet HTML 5Page - Vishay Siliconix BPW76B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 81526
Rev. 1.3, 08-Mar-05
BPW76
Vishay Semiconductors
Package Dimensions in mm
0.4
0.2
0
0.2
0.4
0.6
94 8347
0.6
0.9
0.8
30°
10
°
20
°
40°
50°
60°
70°
80°
0.7
1.0
Figure 9. Relative Radiant Sensitivity vs. Angular Displacement
96 12175


Similar Part No. - BPW76B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW76B VISHAY-BPW76B Datasheet
82Kb / 6P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
BPW76B VISHAY-BPW76B Datasheet
149Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.4, 08-Sep-08
BPW76B VISHAY-BPW76B Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW76B VISHAY-BPW76B Datasheet
142Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
More results

Similar Description - BPW76B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com