Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82527 Datasheet(PDF) 10 Page - InnovASIC, Inc

Part # IA82527
Description  Serial Communications Controller CAN Protocol
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527 Datasheet(HTML) 10 Page - InnovASIC, Inc

Back Button IA82527 Datasheet HTML 6Page - InnovASIC, Inc IA82527 Datasheet HTML 7Page - InnovASIC, Inc IA82527 Datasheet HTML 8Page - InnovASIC, Inc IA82527 Datasheet HTML 9Page - InnovASIC, Inc IA82527 Datasheet HTML 10Page - InnovASIC, Inc IA82527 Datasheet HTML 11Page - InnovASIC, Inc IA82527 Datasheet HTML 12Page - InnovASIC, Inc IA82527 Datasheet HTML 13Page - InnovASIC, Inc IA82527 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 10 of 45
1-888-824-4184
©
2.2
Pin/Signal Descriptions
Descriptions of the pin and signal functions for the IA82527 Serial Communications Controller
are provided in Table 3.
Several of the IA82527 pins have different functions depending on the operating mode of the
device. Each of the different signals supported by a pin is listed and defined in Table 3, indexed
alphabetically in the first column of the table. Additionally, the name of the pin associated with
the signal as well as the pin numbers for both the PLCC and QFP packages are provided in the
“Pin” column. If the signal and pin names are the same, no entry is provided in the “Pin-Name”
column.
Table 3. IA82527 Pin/Signal Descriptions
Pin
Signal
Name
PLCC
QFP
Description
a0
a0/ad0/icp
4
42
a1
a1/ad1/cp
3
41
a2
a2/ad2/csas
2
40
a3
a3/ad3/ste
43
37
a4
a4/ad4/mosi
42
36
a5
a5/ad5
41
35
a6
a6/ad6/sclk
40
34
a7
a7/ad7
39
33
address bits 7–0. Input. Mode 3.
When the IA82527 is configured to operate in the 8-bit non-
multiplexed non-Intel
® architecture mode (Mode 3), these lines
provide the 8-bit address bus input to the device.
ad0
a0/ad0/icp
4
42
ad1
a1/ad1/cp
3
41
ad2
a2/ad2/csas
2
40
ad3
a3/ad3/ste
43
37
ad4
a4/ad4/mosi
42
36
ad5
a5/ad5
41
35
ad6
a6/ad6/sclk
40
34
ad7
a7/ad7
39
33
ad8
ad8/d0/p1.0
38
32
ad9
ad9/d1/p1.1
37
31
ad10
ad10/d2/p1.2
36
30
ad11
ad11/d3/p1.3
35
29
ad12
ad12/d4/p1.4
34
28
ad13
ad13/d5/p1.5
33
27
ad14
ad14/d6/p1.6
32
26
ad15
ad15/d7/p1.7
31
25
address/data bits 15–0. Input/Output. Mode 1.
When the IA82527 is configured to operate in the 16-bit multiplexed
Intel
® architecture mode (Mode 1), these lines provide the 16-bit
address bus (input) and the 16-bit data bus (input/output) for the
device.
ale
ale/as
5
43
address latch enable. Input. Active High. Mode 0 and Mode 1.
When the IA82527 is configured to operate in either the 8-bit
multiplexed Intel
® architecture mode (Mode 0) or the 16-bit
multiplexed Intel
® architecture mode (Mode 1), this signal latches the
address into the device during the address phase of the bus cycle.
continued
. . .


Similar Part No. - IA82527

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527PLC44AR2 INNOVASIC-IA82527PLC44AR2 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527PQF44AR2 INNOVASIC-IA82527PQF44AR2 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
More results

Similar Description - IA82527

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com