Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD231QD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD231QD
Description  3.3-V CAN TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD231QD Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD231QD Datasheet HTML 1Page - Texas Instruments SN65HVD231QD Datasheet HTML 2Page - Texas Instruments SN65HVD231QD Datasheet HTML 3Page - Texas Instruments SN65HVD231QD Datasheet HTML 4Page - Texas Instruments SN65HVD231QD Datasheet HTML 5Page - Texas Instruments SN65HVD231QD Datasheet HTML 6Page - Texas Instruments SN65HVD231QD Datasheet HTML 7Page - Texas Instruments SN65HVD231QD Datasheet HTML 8Page - Texas Instruments SN65HVD231QD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
2
www.ti.com
DESCRIPTION
The SN65HVD230Q, SN65HVD231Q, and SN65HVD232Q controller area network (CAN) transceivers are
designed for use with the Texas Instruments TMS320Lx240x 3.3-V DSPs with CAN controllers, or with
equivalent devices. They are intended for use in applications employing the CAN serial communication physical
layer in accordance with the ISO 11898 standard. Each CAN transceiver is designed to provide differential
transmit capability to the bus and differential receive capability to a CAN controller at speeds up to 1 Mbps.
Designed for operation in especially-harsh environments, these devices feature cross-wire protection,
loss-of-ground and overvoltage protection, overtemperature protection, as well as wide common-mode range.
The transceiver interfaces the single-ended CAN controller with the differential CAN bus found in industrial,
building automation, and automotive applications. It operates over a – 2-V to 7-V common-mode range on the
bus, and it can withstand common-mode transients of
±25 V.
On the SN65HVD230Q and SN65HVD231Q, RS (pin 8) provides three different modes of operation:
high-speed, slope control, and low-power modes. The high-speed mode of operation is selected by connecting
pin 8 to ground, allowing the transmitter output transistors to switch on and off as fast as possible with no
limitation on the rise and fall slopes. The rise and fall slopes can be adjusted by connecting a resistor to ground
at pin 8, since the slope is proportional to the pin’s output current. This slope control is implemented with external
resistor values of 10 k
Ω, to achieve a 15-V/µs slew rate, to 100 kΩ, to achieve a 2-V/µs slew rate.
The circuit of the SN65HVD230Q enters a low-current standby mode during which the driver is switched off and
the receiver remains active if a high logic level is applied to RS (pin 8). The DSP controller reverses this
low-current standby mode when a dominant state (bus differential voltage > 900 mV typical) occurs on the bus.
The unique difference between the SN65HVD230Q and the SN65HVD231Q is that both the driver and the
receiver are switched off in the SN65HVD231Q when a high logic level is applied to RS (pin 8) and remain in
this sleep mode until the circuit is reactivated by a low logic level on RS.
The Vref (pin 5 on the SN65HVD230Q and SN65HVD231Q) is available as a VCC/2 voltage reference.
The SN65HVD232Q is a basic CAN transceiver with no added options; pins 5 and 8 are NC, no connection.
AVAILABLE OPTIONS
FUNCTION
NUMBER
LOW
POWER MODE
INTEGRATED SLOPE
CONTROL
Vref PIN
’230
370-
µA standby mode
Yes
Yes
’231
10-
µA sleep mode
Yes
Yes
’232
No standby or sleep mode
No
No
PART NUMBER
Q100
TA
MARKED AS:
SN65HVD230QD
No
40
°Ct
HV230Q
SN65HVD231QD
No
–40
°C to
125
°C
HV231Q
SN65HVD232QD
No
125
°C
HV232Q
SN65HVD230QDQ1
Yes
40
°Ct
230Q1
SN65HVD231QDQ1
Yes
–40
°C to
125
°C
231Q1
SN65HVD232QDQ1
Yes
125
°C
232Q1
The D package is available taped and reeled. Add the suffix R to device type (e.g.,
SN65HVD230QDRQ1).


Similar Part No. - SN65HVD231QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD231QD TI-SN65HVD231QD Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QD TI1-SN65HVD231QD Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QD TI1-SN65HVD231QD Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDG4 TI1-SN65HVD231QDG4 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDQ1 TI-SN65HVD231QDQ1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD231QD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com