Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD21P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD21P
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD21P Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD21P Datasheet HTML 1Page - Texas Instruments SN65HVD21P Datasheet HTML 2Page - Texas Instruments SN65HVD21P Datasheet HTML 3Page - Texas Instruments SN65HVD21P Datasheet HTML 4Page - Texas Instruments SN65HVD21P Datasheet HTML 5Page - Texas Instruments SN65HVD21P Datasheet HTML 6Page - Texas Instruments SN65HVD21P Datasheet HTML 7Page - Texas Instruments SN65HVD21P Datasheet HTML 8Page - Texas Instruments SN65HVD21P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
3
DRIVER FUNCTION TABLE
HVD20, HVD21, HVD22
HVD23, HVD24
INPUT
ENABLE
OUTPUTS
INPUT
ENABLE
OUTPUTS
D
DE
A
B
D
DE
A
B
H
H
H
L
H
H
H
L
L
H
L
H
L
H
L
H
X
L
Z
Z
X
L
Z
Z
X
OPEN
Z
Z
X
OPEN
Z
Z
OPEN
H
H
L
OPEN
H
L
H
H = high level, L= low level, X = don’t care, Z = high impedance (off), ? = indeterminate
RECEIVER FUNCTION TABLE
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VID = (VA – VB)
RE
R
0.2 V
≤ VID
L
H
−0.2 V < VID < 0.2 V
L
H (see Note A)
VID ≤ −0.2 V
L
L
X
H
Z
X
OPEN
Z
Open circuit
L
H
Short Circuit
L
H
Idle (terminated) bus
L
H
H = high level, L= low level, Z = high impedance (off)
NOTE A:
If the differential input VID remains within the transition range for
more than 250
µs, the integrated failsafe circuitry detects a bus
fault, and set the receiver output to a high state. See Figure 15.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
SN65HVD2X
Supply voltage(2), VCC
−0.5 V to 7 V
Voltage at any bus I/O terminal
−27 V to 27 V
Voltage input, transient pulse, A and B, (through 100
Ω, see Figure 16)
−60 V to 60 V
Voltage input at any D, DE or RE terminal
−0.5 V to VCC+ 0.5 V
Receiver output current, IO
−10 mA to 10 mA
Human Body Model(3)
A, B, GND
16 kV
Electrostatic discharge
Human Body Model(3)
All pins
5 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
1.5 kV
Machine Model(5)
All pins
200 V
Continuous total power dissipation
See Power Dissipation Rating Table
Junction temperature, TJ
150
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.
(5) Tested in accordance with JEDEC Standard 22, Test Method A115-A.


Similar Part No. - SN65HVD21P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21P TI-SN65HVD21P Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21P TI-SN65HVD21P Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21P TI-SN65HVD21P Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21PE4 TI-SN65HVD21PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD21P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com