Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM050PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM050PW
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM050PW Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDM050PW Datasheet HTML 1Page - Texas Instruments SN65LVDM050PW Datasheet HTML 2Page - Texas Instruments SN65LVDM050PW Datasheet HTML 3Page - Texas Instruments SN65LVDM050PW Datasheet HTML 4Page - Texas Instruments SN65LVDM050PW Datasheet HTML 5Page - Texas Instruments SN65LVDM050PW Datasheet HTML 6Page - Texas Instruments SN65LVDM050PW Datasheet HTML 7Page - Texas Instruments SN65LVDM050PW Datasheet HTML 8Page - Texas Instruments SN65LVDM050PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
2.4 *
V
ID
2
V
ID
2
SN65LVDM179, SN65LVDM180
SN65LVDM050, SN65LVDM051
SLLS324H – DECEMBER 1998 – REVISED MAY 2007
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
D, R, DE, RE
–0.5 V to 6 V
Voltage range
Y, Z, A, and B
–0.5 V to 4 V
Y, Z, A, B , and GND(3)
CLass 3, A:12 kV, B:600 V
Electrostatic discharge
All
Class 3, A:7 kV, B:500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with MIL-STD-883C Method 3015.7.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C(1)
POWER RATING
D(8)
635 mW
5.1 mW/°C
330 mW
D(14)
987 mW
7.9 mW/°C
513 mW
D(16)
1110 mW
8.9 mW/°C
577 mW
DGK
424 mW
3.4 mW/°C
220 mW
PW (14)
736 mW
5.9 mW/°C
383 mW
PW (16)
839 mW
6.7 mW/°C
437 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air
flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VO
Driver output voltage
0
2.4
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
|VID|
Magnitude of differential input voltage
0.1
0.6
V
VIC
Common-mode input voltage (see Figure 6)
V
VCC-0.8
TA
Operating free-air temperature
40
85
°C
4
Submit Documentation Feedback


Similar Part No. - SN65LVDM050PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM050PW TI-SN65LVDM050PW Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050PWG4 TI-SN65LVDM050PWG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050PWR TI-SN65LVDM050PWR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050PWRG4 TI-SN65LVDM050PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM050PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com