Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9231402QKA Datasheet(PDF) 5 Page - Texas Instruments

Part # 5962-9231402QKA
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9231402QKA Datasheet(HTML) 5 Page - Texas Instruments

  5962-9231402QKA Datasheet HTML 1Page - Texas Instruments 5962-9231402QKA Datasheet HTML 2Page - Texas Instruments 5962-9231402QKA Datasheet HTML 3Page - Texas Instruments 5962-9231402QKA Datasheet HTML 4Page - Texas Instruments 5962-9231402QKA Datasheet HTML 5Page - Texas Instruments 5962-9231402QKA Datasheet HTML 6Page - Texas Instruments 5962-9231402QKA Datasheet HTML 7Page - Texas Instruments 5962-9231402QKA Datasheet HTML 8Page - Texas Instruments 5962-9231402QKA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54ABT543A, SN74ABT543A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS157F – JANUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT543A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LEAB or LEBA low
3.5
3.5
ns
Data before LEAB or LEBA
High
2.5
2.5
t
Setup time
Data before LEAB or LEBA
Low
3
3
ns
tsu
Setup time
Data before CEAB or CEBA
High
2.5
2.5
ns
Data before CEAB or CEBA
Low
3
3
th
Hold time
Data after LEAB or LEBA
1
1
ns
th
Hold time
Data after CEAB or CEBA
1
1
ns
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN74ABT543A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LEAB or LEBA low
3.5
3.5
ns
Data before LEAB or LEBA
High
3.5
3.5
t
Setup time
Data before LEAB or LEBA
Low
3
3
ns
tsu
Setup time
Data before CEAB or CEBA
High
3.5
3.5
ns
Data before CEAB or CEBA
Low
3
3
th
Hold time
Data after LEAB or LEBA
0.5
0.5
ns
th
Hold time
Data after CEAB or CEBA
0.5
0.5
ns


Similar Part No. - 5962-9231402QKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9231402QKA TI-5962-9231402QKA Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9231402QKA TI-5962-9231402QKA Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9231402QKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com