Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD23D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD23D
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD23D Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD23D Datasheet HTML 1Page - Texas Instruments SN65HVD23D Datasheet HTML 2Page - Texas Instruments SN65HVD23D Datasheet HTML 3Page - Texas Instruments SN65HVD23D Datasheet HTML 4Page - Texas Instruments SN65HVD23D Datasheet HTML 5Page - Texas Instruments SN65HVD23D Datasheet HTML 6Page - Texas Instruments SN65HVD23D Datasheet HTML 7Page - Texas Instruments SN65HVD23D Datasheet HTML 8Page - Texas Instruments SN65HVD23D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (continued)
The ‘HVD20 provides high signaling rate (up to 25 Mbps) for interconnecting networks of up to 64 nodes.
The ‘HVD21 allows up to 256 connected nodes at moderate data rates (up to 5 Mbps). The driver output slew rate is
controlled to provide reliable switching with shaped transitions which reduce high-frequency noise emissions.
The ‘HVD22 has controlled driver output slew rate for low radiated noise in emission-sensitive applications and for
improved signal quality with long stubs. Up to 256 ‘HVD22 nodes can be connected at signaling rates up to 500 kbps.
The ‘HVD23 implements receiver equalization technology for improved jitter performance on differential bus applications
with data rates up to 25 Mbps at cable lengths up to 160 meters.
The ‘HVD24 implements receiver equalization technology for improved jitter performance on differential bus applications
with data rates in the range of 1 Mbps to 10 Mbps at cable lengths up to 1000 meters.
The receivers also include a failsafe circuit that provides a high-level output within 250 microseconds after loss of the input
signal. The most common causes of signal loss are disconnected cables, shorted lines, or the absence of any active
transmitters on the bus. This feature prevents noise from being received as valid data under these fault conditions. This
feature may also be used for Wired-Or bus signaling.
The SN65HVD2X devices are characterized for operation over the temperature range of −40
°C to 85°C.
PRODUCT SELECTION GUIDE
PART NUMBERS
CABLE LENGTH AND SIGNALING RATE(1)
NODES
MARKING
SN65HVD20
Up to 50 m at 25 Mbps
Up to 64
D: VP20
P: 65HVD20
SN65HVD21
Up to 150 m at 5 Mbps (with slew rate limit)
Up to 256
D: VP21
P: 65HVD21
SN65HVD22
Up to1200 m at 500 kbps (with slew rate limit)
Up to 256
D: VP22
P: 65HVD22
SN65HVD23
Up to 160 m at 25 Mbps (with receiver equalization)
Up to 64
D: VP23
P: 65HVD23
SN65HVD24
Up to 500 m at 3 Mbps (with receiver equalization)
Up to 256
D: VP24
P: 65HVD24
(1) Distance and signaling rate predictions based upon Belden 3105A cable and 15% eye pattern jitter.
AVAILABLE OPTIONS
PLASTIC THROUGH-HOLE
P−PACKAGE
(JEDEC MS-001)
PLASTIC SMALL-OUTLINE(1)
D−PACKAGE
(JEDEC MS-012)
SN65HVD20P
SN65HVD21P
SN65HVD22P
SN65HVD23P
SN65HVD24P
SN65HVD20D
SN65HVD21D
SN65HVD22D
SN65HVD23D
SN65HVD24D
(1) Add R suffix for taped and reeled carriers.


Similar Part No. - SN65HVD23D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23D TI-SN65HVD23D Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23D TI-SN65HVD23D Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD23D TI-SN65HVD23D Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD23DG4 TI-SN65HVD23DG4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD23DR TI-SN65HVD23DR Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD23D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com