Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC373 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54AHC373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHC373 Datasheet(HTML) 5 Page - Texas Instruments

  SN54AHC373_07 Datasheet HTML 1Page - Texas Instruments SN54AHC373_07 Datasheet HTML 2Page - Texas Instruments SN54AHC373_07 Datasheet HTML 3Page - Texas Instruments SN54AHC373_07 Datasheet HTML 4Page - Texas Instruments SN54AHC373_07 Datasheet HTML 5Page - Texas Instruments SN54AHC373_07 Datasheet HTML 6Page - Texas Instruments SN54AHC373_07 Datasheet HTML 7Page - Texas Instruments SN54AHC373_07 Datasheet HTML 8Page - Texas Instruments SN54AHC373_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54AHC373, SN74AHC373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS235I – OCTOBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC373
SN74AHC373
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
CL =15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPHL
D
Q
CL = 15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPLH
LE
Q
CL =15 pF
4.9*
7.2*
1*
8.5*
1
8.5
ns
tPHL
LE
Q
CL = 15 pF
4.9*
7.2*
1*
8.5*
1
8.5
ns
tPZH
OE
Q
CL =15 pF
5.5*
8.1*
1*
9.5*
1
9.5
ns
tPZL
OE
Q
CL = 15 pF
5.5*
8.1*
1*
9.5*
1
9.5
ns
tPHZ
OE
Q
CL =15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPLZ
OE
Q
CL = 15 pF
5*
7.2*
1*
8.5*
1
8.5
ns
tPLH
D
Q
CL =50 pF
6.5
9.2
1
10.5
1
10.5
ns
tPHL
D
Q
CL = 50 pF
6.5
9.2
1
10.5
1
10.5
ns
tPLH
LE
Q
CL =50 pF
6.4
9.2
1
10.5
1
10.5
ns
tPHL
LE
Q
CL = 50 pF
6.4
9.2
1
10.5
1
10.5
ns
tPZH
OE
Q
CL =50 pF
7
10.1
1
11.5
1
11.5
ns
tPZL
OE
Q
CL = 50 pF
7
10.1
1
11.5
1
11.5
ns
tPHZ
OE
Q
CL =50 pF
6.5
9.2
1
10.5
1
10.5
ns
tPLZ
OE
Q
CL = 50 pF
6.5
9.2
1
10.5
1
10.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC373
UNIT
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.1
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
18
pF


Similar Part No. - SN54AHC373_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC373FK TI-SN54AHC373FK Datasheet
575Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC373J TI-SN54AHC373J Datasheet
575Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC373W TI-SN54AHC373W Datasheet
575Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AHC373_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com