Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM180PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM180PWR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM180PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDM180PWR Datasheet HTML 1Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 2Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 3Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 4Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 5Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 6Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 7Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 8Page - Texas Instruments SN65LVDM180PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
DEVICE ELECTRICAL CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65LVDM179, SN65LVDM180
SN65LVDM050, SN65LVDM051
SLLS324H – DECEMBER 1998 – REVISED MAY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SN65LVDM179
No receiver load, driver RL = 50 Ω
10
15
mA
Driver and receiver enabled, no receiver load,
10
15
driver RL = 50 Ω
Driver enabled, receiver disabled, RL = 50 Ω
9
13
SN65LVDM180
mA
Driver disabled, receiver enabled, no load
1.7
5
Disabled
0.5
2
ICC
Supply current
Drivers and receivers enabled, no receiver loads,
19
27
driver RL = 50 Ω
Drivers enabled, receivers disabled, RL = 50 Ω
16
24
SN65LVDM050
mA
Drivers disabled, receivers enabled, no loads
4
6
Disabled
0.5
1
Drivers enabled, no receiver loads, driver RL = 50 Ω
19
27
SN65LVDM051
mA
Drivers disabled, no loads
4
6
(1)
All typical values are at 25°C and with a 3.3 V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Differential output voltage magnitude
247
340
454
RL = 50 Ω, See Figure 1 and
mV
Change in differential output voltage magnitude
Figure 2
∆|V
OD|
–50(1)
50
between logic states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.2
1.375
V
Change in steady-state common-mode output
∆V
OC(SS)
See Figure 3
–50
50
mV
voltage between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
DE
–20
–0.5
IIH
High-level input current
VIH = 5 V
µA
D
2
20
DE
–10
–0.5
IIL
Low-level input current
VIL = 0.8 V
µA
D
2
10
VOY or VOZ = 0 V
7
10
IOS
Short-circuit output current
mA
VOD = 0 V
7
10
VO = 0 V or 2.4 V, other output
IOZ
High-impedance output current
–47
47
µA
at 1.2 V, DE AT 0.8 V
VCC = 0 V, VO = 0 V or 2.4 V, other
IO(OFF)
Power-off output current
–47
47
µA
output at 1.2 V, DE AT 0.8 V
CIN
Input capacitance
3
pF
(1)
The algebraic convention in which the least positive (most negative) value is designated minimum is used in this datasheet.
5
Submit Documentation Feedback


Similar Part No. - SN65LVDM180PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM180PWR TI-SN65LVDM180PWR Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM180PWRG4 TI-SN65LVDM180PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM180PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com