Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT645 Datasheet(PDF) 1 Page - Texas Instruments

Part # HT645
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HT645 Datasheet(HTML) 1 Page - Texas Instruments

  HT645 Datasheet HTML 1Page - Texas Instruments HT645 Datasheet HTML 2Page - Texas Instruments HT645 Datasheet HTML 3Page - Texas Instruments HT645 Datasheet HTML 4Page - Texas Instruments HT645 Datasheet HTML 5Page - Texas Instruments HT645 Datasheet HTML 6Page - Texas Instruments HT645 Datasheet HTML 7Page - Texas Instruments HT645 Datasheet HTML 8Page - Texas Instruments HT645 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54HCT645, SN74HCT645
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS019D − MARCH 1984 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D High-Current 3-State Outputs Can Drive Up
To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
D True Logic
SN54HCT645 ...J OR W PACKAGE
SN74HCT645 ...DW, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HCT645 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
description/ordering information
These octal bus transceivers are designed for asynchronous two-way communication between data buses.
These devices transmit data from the A bus to the B bus or from the B bus to the A bus, depending upon the
level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the
buses are effectively isolated.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HCT645N
SN74HCT645N
SOIC − DW
Tube of 25
SN74HCT645DW
HCT645
SOIC − DW
Reel of 2000
SN74HCT645DWR
HCT645
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCT645NSR
HCT645
−40 C to 85 C
Tube of 70
SN74HCT645PW
TSSOP − PW
Reel of 2000
SN74HCT645PWR
HT645
TSSOP − PW
Reel of 250
SN74HCT645PWT
HT645
CDIP − J
Tube of 20
SNJ54HCT645J
SNJ54HCT645J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HCT645W
SNJ54HCT645W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCT645FK
SNJ54HCT645FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - HT645

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
   3(18) Series of Encoders
logo
List of Unclassifed Man...
HT640-S ETC2-HT640-S Datasheet
132Kb / 6P
   CMOS LSI for remote control system applications
logo
Holtek Semiconductor In...
HT644L HOLTEK-HT644L Datasheet
837Kb / 14P
   318 Series of Decoders
HT646L HOLTEK-HT646L Datasheet
837Kb / 14P
   318 Series of Decoders
HT648L HOLTEK-HT648L Datasheet
837Kb / 14P
   318 Series of Decoders
More results

Similar Description - HT645

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com