Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143-G20-R11 Datasheet(PDF) 6 Page - EPCOS

Part # B84143-G20-R11
Description  3-Line Filters for Converters and Power Electronics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-G20-R11 Datasheet(HTML) 6 Page - EPCOS

  B84143-G20-R11 Datasheet HTML 1Page - EPCOS B84143-G20-R11 Datasheet HTML 2Page - EPCOS B84143-G20-R11 Datasheet HTML 3Page - EPCOS B84143-G20-R11 Datasheet HTML 4Page - EPCOS B84143-G20-R11 Datasheet HTML 5Page - EPCOS B84143-G20-R11 Datasheet HTML 6Page - EPCOS B84143-G20-R11 Datasheet HTML 7Page - EPCOS B84143-G20-R11 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
244 03/01
3-Line Filters
B84143-G*-R112
B84143-G*-R110
for Converters and Power Electronics
B84143-G120-R11*, B84143-G150-R11*
B84143-G220-R11*
SSB1295-Y
90
PE
M10 x 35
350
500±10
365±0,5
Litze
380
klemmen
Anschluss-
L3
L1
L2
Marking
Litzenbezeichnung
Aderendhülse
L3’
L2’
L1’
PE
LINE
LOAD
50 mm2
Terminal
blocks
Litz wire
Litz wire markings
Wire end ferrule
50 mm2
SSB1348-T
110
Anschlussklemmen 95 mm
PE
M10 x 35
400
500±10
Litze
Aderendhülse
Litzenbezeichnung
430
415±0,5
Marking
LINE
LOAD
2
L3’
L2’
L1’
PE
L1
L3
L2
Terminal blocks 95 mm2
Litz wire
Litz wire markings
Wire end ferrule


Similar Part No. - B84143-G20-R11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-A12-R EPCOS-B84143-A12-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-A12-R206 EPCOS-B84143-A12-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A120-R EPCOS-B84143-A120-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-A120-R21 EPCOS-B84143-A120-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143-A150-R EPCOS-B84143-A150-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
More results

Similar Description - B84143-G20-R11

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A25-R21 EPCOS-B84143-A25-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143D0016R127 EPCOS-B84143D0016R127 Datasheet
561Kb / 17P
   3-line filters for converters and power electronics
B84143-B8-R EPCOS-B84143-B8-R Datasheet
170Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143-B-R110 EPCOS-B84143-B-R110 Datasheet
256Kb / 10P
   3-Line Filters for Converters and Power Electronics
B84143A0010R106 EPCOS-B84143A0010R106 Datasheet
224Kb / 11P
   3-line filters for converters and power electronics
logo
TDK Electronics
B84143CS250 TDK-B84143CS250 Datasheet
1Mb / 19P
   3-line filters for converters and power electronics
October 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com