Electronic Components Datasheet Search |
|
B43501K2477M000 Datasheet(PDF) 5 Page - EPCOS |
|
B43501K2477M000 Datasheet(HTML) 5 Page - EPCOS |
5 / 11 page 239 10/02 Long Life – 85 °C B43501 Overview of available types The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request. UR (VDC) 160 200 250 385 400 420 450 CR (µF) Case dimensions d × l (mm) 47 22 × 25 68 22 × 25 22 × 25 22 × 30 25 × 25 100 22 × 30 25 × 25 22 × 30 25 × 25 22 × 30 25 × 25 22 × 40 25 × 30 30 × 25 120 22 × 35 25 × 30 150 22 × 25 22 × 40 25 × 30 22 × 40 30 × 25 22 × 40 25 × 35 25 × 40 30 × 30 180 30 × 30 25 × 30 30 × 33 30 × 35 220 22 × 25 22 × 25 22 × 30 25 × 25 25 × 40 30 × 30 25 × 40 30 × 35 25 × 40 30 × 35 30 × 40 270 30 × 35 30 × 35 35 × 30 30 × 45 330 22 × 30 22 × 30 25 × 25 22 × 40 25 × 30 30 × 40 30 × 45 30 × 45 35 × 35 35 × 40 390 30 × 50 30 × 50 470 22 × 35 22 × 40 30 × 25 25 × 40 30 × 30 35 × 40 35 × 45 35 × 45 35 × 50 560 35 × 45 35 × 50 35 × 50 680 25 × 35 25 × 40 30 × 30 30 × 40 1 000 30 × 35 30 × 40 35 × 35 35 × 40 1 500 30 × 45 35 × 45 2 200 35 × 50 |
Similar Part No. - B43501K2477M000 |
|
Similar Description - B43501K2477M000 |