Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65815-E250-A41 Datasheet(PDF) 3 Page - EPCOS

Part # B65815-E250-A41
Description  RM 12 In accordance with IEC 60431
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815-E250-A41 Datasheet(HTML) 3 Page - EPCOS

  B65815-E250-A41 Datasheet HTML 1Page - EPCOS B65815-E250-A41 Datasheet HTML 2Page - EPCOS B65815-E250-A41 Datasheet HTML 3Page - EPCOS B65815-E250-A41 Datasheet HTML 4Page - EPCOS B65815-E250-A41 Datasheet HTML 5Page - EPCOS B65815-E250-A41 Datasheet HTML 6Page - EPCOS B65815-E250-A41 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
245 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-E w/o center hole
N30
8400 + 30/– 20 %
2610
B65815-E-R30
N49
3700 + 30/– 20 %
1090 1930
< 1,41
(50 mT, 500 kHz, 100
°C)
B65815-E-R49
N87
5300 + 30/– 20 %
1640 2900
< 4,50
(200 mT, 100 kHz, 100
°C)
B65815-E-R87
N971)
5300 + 30/– 20 %
1640 2900
< 3,60
(200 mT, 100 kHz, 100
°C)
B65815-E-R97
N41
6000 + 30/– 20 %
1860 2900
< 1,50
(200 mT, 25 kHz, 100
°C)
B65815-E-R41
1) Preliminary data
B65815
Core
RM 12


Similar Part No. - B65815-E250-A41

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815-P EPCOS-B65815-P Datasheet
92Kb / 2P
   RM 12 Low Profile
B65815-P-R49 EPCOS-B65815-P-R49 Datasheet
92Kb / 2P
   RM 12 Low Profile
B65815-P-R87 EPCOS-B65815-P-R87 Datasheet
92Kb / 2P
   RM 12 Low Profile
B65815-P-R92 EPCOS-B65815-P-R92 Datasheet
92Kb / 2P
   RM 12 Low Profile
More results

Similar Description - B65815-E250-A41

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65887 EPCOS-B65887 Datasheet
186Kb / 6P
   RM 14 In accordance with IEC 60431
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
   PM 114/93 In accordance with IEC 61247
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
Laird Tech Smart Techno...
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
   Prepared in accordance with OSHA Hazard communication
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
   Designed in Accordance with CAN Specification 2.0B
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com