Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD24N03 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHD24N03
Description  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD24N03 Datasheet(HTML) 1 Page - NXP Semiconductors

  PHD24N03 Datasheet HTML 1Page - NXP Semiconductors PHD24N03 Datasheet HTML 2Page - NXP Semiconductors PHD24N03 Datasheet HTML 3Page - NXP Semiconductors PHD24N03 Datasheet HTML 4Page - NXP Semiconductors PHD24N03 Datasheet HTML 5Page - NXP Semiconductors PHD24N03 Datasheet HTML 6Page - NXP Semiconductors PHD24N03 Datasheet HTML 7Page - NXP Semiconductors PHD24N03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Preliminary specification
TrenchMOS
 transistor
PHD24N03LT
Logic level FET
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 30 V
• Very low on-state resistance
• Fast switching
I
D = 24 A
• Stable off-state characteristics
• High thermal cycling performance
R
DS(ON) ≤ 56 mΩ (VGS = 5 V)
• Low thermal resistance
R
DS(ON) ≤ 50 mΩ (VGS = 10 V)
GENERAL DESCRIPTION
PINNING
SOT428 (DPAK)
N-channel
enhancement
mode,
PIN
DESCRIPTION
logic
level,
field-effect
power
transistor in a plastic envelope
1
gate
using ’trench’ technology. The
device
has
very
low
on-state
2
drain
1
resistance. It is intended for use in
dc to dc converters and general
3
source
purpose switching applications.
tab
drain
The PHD24N03LT is supplied in the
SOT428 (DPAK) surface mounting
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
30
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-30
V
V
GS
Gate-source voltage
-
± 13
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
24
A
T
mb = 100 ˚C
-
20
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
96
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
60
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction
-
2.5
K/W
to mounting base
R
th j-a
Thermal resistance junction
pcb mounted, minimum footprint
50
-
K/W
to ambient
d
g
s
1
2
3
tab
1 it is not possible to make connection to pin 2 of the SOT428 package.
December 1999
1
Rev 1.100


Similar Part No. - PHD24N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD20N06T PHILIPS-PHD20N06T Datasheet
307Kb / 13P
   N-channel TrenchMOS transistor
Rev. 01-22 February 2001
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
logo
VBsemi Electronics Co.,...
PHD20N06T VBSEMI-PHD20N06T Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHD20N06T NEXPERIA-PHD20N06T Datasheet
860Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 1 December 2009
logo
VBsemi Electronics Co.,...
PHD20N06T118 VBSEMI-PHD20N06T118 Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - PHD24N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com