Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDX010IND4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDX010IND4
Description  Compensated pressure sensors in DIP package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDX010IND4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDX010IND4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDX010IND4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDX010IND4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDX010IND4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDX...IND4 Series
Compensated pressure sensors in DIP package
1/4
December 2002 / 551
Aubinger Weg 27, 82178 Puchheim, Germany
Phone: +49 (0)89 80083-0, Fax: +49 (0)89 80083-33
http://www.sensortechnics.com
FEATURES
· 0...5 and 0...10 "H
2O
· Low cost DIP
· Temperature compensated
· Calibrated zero and span
· Small size
· Low noise
· High impedance for
low power applications
APPLICATIONS
· Medical equipment
· Computer peripherals
· Pneumatic controls
· HVAC
EQUIVALENT CIRCUIT
Scale:
1 cm
½ inch
ELECTRICAL CONNECTION
Top view
Note: The polarity identicated is for pressure applied to backward gage.
GENERAL DESCRIPTION
The SDX...IND4 sensors will provide
a very cost effective solution for
pressure applications that require
small size plus performance. These
calibrated and temperature compen-
sated sensors give an accurate and
stable output over a 0°C to 50°C tem-
perature range. This series is inten-
ded for use with non-corrosive, non-
ionic working fluids such as air, dry
gases and the like.
The SDX...IND4 devices are speci-
fically designed to measure low
pressures. They feature a 0 to 5 or 0
to 10 "H
2O full scale range.
The output of the bridge is ratiometric
to the supply voltage and operation
from any D.C. supply voltage up to
+20 V is acceptable.
The SDX...IND4 devices feature an
integrated circuit sensor element and
laser trimmed thick film ceramic
housed in a compact solvent resistant
case. The package is a double wide
(i.e., 0.600" lead spacing) dual-inline-
package. This is the same familiar
package used by IC manufacturers
except that is has a pressure port(s).
The PC board area used by each DIP
is approximately 0.26 square inches.
This extremely small size enables the
use of multiple sensors in limited
available space. The DIP provides
excellent corrosion resistance and
isolation to external package stress.
The DIP mounts on a PC board like a
standard IC with through-hole pins.
The pins anchor the pressure sensor
to the PC board and provide a more
secure and stable unit than other
types of packages.
+out
V
-out
P1
GND
out -
1
out +
4
+Vs
P2


Similar Part No. - SDX010IND4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SDX010IND4 SENSORTECHNICS-SDX010IND4 Datasheet
71Kb / 4P
   Compensated pressure sensors in DIP package
More results

Similar Description - SDX010IND4

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SDX005IND4 SENSORTECHNICS-SDX005IND4 Datasheet
71Kb / 4P
   Compensated pressure sensors in DIP package
logo
List of Unclassifed Man...
SDXL005 ETC1-SDXL005 Datasheet
47Kb / 4P
   Compensated Pressure Sensors in a DIP Package
logo
Sensortechnics GmbH
SDX15A2-A SENSORTECHNICS-SDX15A2-A Datasheet
91Kb / 4P
   Precision compensated pressure sensors in DIP package
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
logo
Honeywell Accelerometer...
SDXL005D4 HONEYWELL-ACC-SDXL005D4 Datasheet
242Kb / 3P
   0-5 H2O Compensated Pressure Sensors in a DIP Package
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com