Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501A5227M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43501A5227M000
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A5227M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43501A5227M000 Datasheet HTML 3Page - EPCOS B43501A5227M000 Datasheet HTML 4Page - EPCOS B43501A5227M000 Datasheet HTML 5Page - EPCOS B43501A5227M000 Datasheet HTML 6Page - EPCOS B43501A5227M000 Datasheet HTML 7Page - EPCOS B43501A5227M000 Datasheet HTML 8Page - EPCOS B43501A5227M000 Datasheet HTML 9Page - EPCOS B43501A5227M000 Datasheet HTML 10Page - EPCOS B43501A5227M000 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
242 10/02
Long Life 85 °C
B43501
420
100
22
× 30
1330
1990
1600
1,74
0,79
B43501A0107M000
100
25
× 25
1330
1990
1600
1,77
0,80
B43501E0107M000
120
22
× 30
1110
1660
1330
2,06
0,94
B43501A0127M000
150
22
× 40
890
1330
1070
2,37
1,08
B43501A0157M000
150
25
× 35
890
1330
1070
2,44
1,11
B43501E0157M000
180
25
× 35
740
1110
890
2,67
1,21
B43501A0187M000
180
30
× 30
740
1110
890
2,76
1,26
B43501E0187M000
220
25
× 40
610
910
730
3,11
1,41
B43501A0227M000
220
30
× 35
610
910
730
3,22
1,46
B43501E0227M000
270
30
× 35
500
740
590
3,57
1,62
B43501A0277M000
270
35
× 30
500
740
590
3,76
1,71
B43501E0277M000
330
30
× 45
410
610
490
4,32
1,96
B43501A0337M000
330
35
× 35
410
610
490
4,37
1,98
B43501E0337M000
390
30
× 50
350
520
410
4,89
2,22
B43501A0397M000
470
35
× 45
290
430
340
5,69
2,58
B43501A0477M000
560
35
× 50
240
360
290
6,45
2,93
B43501A0567M000
450
47
22
× 25
2830
4240
3400
1,1
0,51
B43501A5476M000
68
22
× 30
1960
2930
2350
1,4
0,65
B43501A5686M000
68
25
× 25
1960
2930
2350
1,5
0,66
B43501B5686M000
100
22
× 40
1330
1990
1600
1,9
0,88
B43501A5107M000
100
25
× 30
1330
1990
1600
1,9
0,86
B43501B5107M000
100
30
× 25
1330
1990
1600
1,9
0,90
B43501C5107M000
150
25
× 40
890
1330
1070
2,6
1,2
B43501A5157M000
150
30
× 30
890
1330
1070
2,5
1,1
B43501B5157M000
180
30
× 35
750
1100
890
2,9
1,3
B43501A5187M000
220
30
× 40
610
910
730
3,4
1,5
B43501A5227M000
270
30
× 45
500
740
600
3,9
1,8
B43501A5277M000
330
35
× 40
410
610
490
4,6
2,1
B43501A5337M000
470
35
× 50
290
430
350
5,9
2,7
B43501A5477M000
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 238.


Similar Part No. - B43501A5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A5227M000 EPCOS-B43501A5227M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43501A5227M000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com