Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR3715PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRLR3715PBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715PBF Datasheet(HTML) 3 Page - International Rectifier

  IRLR3715PBF Datasheet HTML 1Page - International Rectifier IRLR3715PBF Datasheet HTML 2Page - International Rectifier IRLR3715PBF Datasheet HTML 3Page - International Rectifier IRLR3715PBF Datasheet HTML 4Page - International Rectifier IRLR3715PBF Datasheet HTML 5Page - International Rectifier IRLR3715PBF Datasheet HTML 6Page - International Rectifier IRLR3715PBF Datasheet HTML 7Page - International Rectifier IRLR3715PBF Datasheet HTML 8Page - International Rectifier IRLR3715PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRLR/U3715PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.5V
3.3V
3.0V
2.7V
2.5V
V
, Drain-to-Source Voltage (V)
DS
2.5V
10
100
1000
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
52A


Similar Part No. - IRLR3715PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3715 IRF-IRLR3715 Datasheet
122Kb / 10P
   SMPS MOSFET
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRLR3715PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com