Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VS-500A
Description  Voltage Controlled Saw Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500A Datasheet(HTML) 2 Page - Vectron International, Inc

  VS-500A Datasheet HTML 1Page - Vectron International, Inc VS-500A Datasheet HTML 2Page - Vectron International, Inc VS-500A Datasheet HTML 3Page - Vectron International, Inc VS-500A Datasheet HTML 4Page - Vectron International, Inc VS-500A Datasheet HTML 5Page - Vectron International, Inc VS-500A Datasheet HTML 6Page - Vectron International, Inc VS-500A Datasheet HTML 7Page - Vectron International, Inc VS-500A Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-500A Voltage Controlled SAW Oscillator
Pin Information
Table 1. Pin Function
Performance Characteristics
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
2
Pin
Symbol
Function
1
VC
VCSO Control Voltage
2
OD
Output Disable
3
GND
Case and electrical ground
4
Output
VCSO Output
5
COutput
VCSO Complimentary Output
6
VCC
Power Supply Voltage (5.0 V ±10%)
1. By setting OD low, the outputs are disabled and OUT is held high while Complementary OUT is held low. The threshold for Output Disable is 1.4V
above pin 3. Output Disable should not be driven above mid supply and during normal operation, should be left floating (use with an open collector or
3-State gate for interfacing with standard logic).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Center Frequency, see ordering information
FN
155
800
MHz
Operating Temperature
TOP
-40
25
+85
°C
Supply Current (no load)
ICC
55
70
mA
Supply Voltage
VCC
4.5
5
5.5
V
Absolute Pull Range over -40 to 85°C
APR
±50
-
-
ppm
(Vc= 0.5 to 4.5)
Positive Gain Transfer @ 155.52MHz
KV
-
350
-
ppm/V
(Frequency vs Control voltage)
Positive Gain Transfer @ 622.080MHz
KV
-
200
-
ppm/V
(Frequency vs Control voltage)
Linearity
Lin
±3
%
Frequency Stability, -40 to 85 wrt 25°C
FSTAB
±150
ppm
Output Level Low1
VOL
VCC -1.95
-
VCC -1.63
V
Output Level High1
VOH
VCC -0.98
-
VCC -0.75
V
Output Rise Time2
tR
250
400
ps
Output Fall Time2
tF
250
400
ps
Jitter @ 155.520 MHz, 12 KHz to 20 MHz
0.439
ps, rms
Jitter @ 622.080 MHz, 12 KHz to 20 MHz
0.276
ps, rms
Jitter @ 622.080 MHz, 50 KHz to 80 MHz
0.293
ps, rms
Spurious Suppression
-50
-60
dB
Data Symmetry
SYM
45
49/51
55
%
Control Voltage Input Impedance
Zc
8
10
12
K
Control Voltage Modulation Bandwidth
BW
-
500
-
kHz
Output Current
Iout
-
-
20
mA
Table 2. Electrical Performance @ 25°C
1. Output Levels are standard 10K ECL and are fully 100K ECL compatible.
2. Transition times are measured from 20% to 80% of a full 10K ECL level swing.
Offset from Carrier
100 Hz
1kHz
10kHz
100kHz
VS-500A 622.080
-62
-85
-109
-127
Table 3. Typical Single Side-Band Phase Noise (dBc/Hz)


Similar Part No. - VS-500A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500A VECTRON-VS-500A Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com