Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504A5686M000 Datasheet(PDF) 6 Page - EPCOS

Part # B43504A5686M000
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A5686M000 Datasheet(HTML) 6 Page - EPCOS

Back Button B43504A5686M000 Datasheet HTML 2Page - EPCOS B43504A5686M000 Datasheet HTML 3Page - EPCOS B43504A5686M000 Datasheet HTML 4Page - EPCOS B43504A5686M000 Datasheet HTML 5Page - EPCOS B43504A5686M000 Datasheet HTML 6Page - EPCOS B43504A5686M000 Datasheet HTML 7Page - EPCOS B43504A5686M000 Datasheet HTML 8Page - EPCOS B43504A5686M000 Datasheet HTML 9Page - EPCOS B43504A5686M000 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
250 10/02
Compact 105 °C
B43504
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)
200
220
22
× 25
580
700
2,6
1,7
0,84
B43504E2227M000
270
22
× 25
480
570
2,8
1,9
0,93
B43504E2277M000
330
22
× 30
390
470
3,3
2,2
1,1
B43504A2337M000
390
22
× 30
330
400
3,6
2,4
1,2
B43504E2397M000
470
22
× 35
280
330
4,2
2,8
1,4
B43504E2477M000
470
30
× 25
280
330
4,5
3,0
1,5
B43504F2477M000
560
25
× 35
230
280
5,0
3,4
1,6
B43504E2567M000
680
25
× 40
190
230
5,8
3,9
1,9
B43504E2687M000
680
35
× 25
190
230
6,0
4,0
2,0
B43504F2687M000
820
25
× 45
160
190
6,6
4,5
2,2
B43504E2827M000
820
35
× 30
160
190
6,9
4,7
2,3
B43504A2827M000
1 000
30
× 35
130
160
7,3
4,9
2,4
B43504E2108M000
1 200
30
× 40
110
130
8,4
5,6
2,7
B43504E2128M000
1 500
35
× 40
90
110
10
6,9
3,4
B43504E2158M000
1 800
35
× 45
80
90
12
7,9
3,9
B43504E2188M000
2 200
35
× 50
60
70
14
9,1
4,4
B43504E2228M000
250
220
22
× 30
580
700
2,7
1,8
0,89
B43504A2227M000
270
22
× 35
480
570
3,2
2,2
1,1
B43504A2277M000
330
22
× 40
390
470
3,7
2,5
1,2
B43504B2337M000
330
25
× 30
390
470
3,6
2,4
1,2
B43504C2337M000
390
25
× 35
330
400
4,2
2,8
1,4
B43504A2397M000
470
22
× 50
280
330
4,9
3,3
1,6
B43504A2477M000
470
30
× 30
280
330
4,7
3,2
1,6
B43504B2477M000
560
25
× 45
230
280
5,5
3,7
1,8
B43504A2567M000
680
25
× 50
190
230
6,3
4,2
2,1
B43504A2687M000
680
30
× 40
190
230
6,3
4,2
2,1
B43504B2687M000
820
30
× 45
160
190
7,2
4,9
2,4
B43504B2827M000
1 000
35
× 40
130
160
8,4
5,7
2,8
B43504A2108M000
1 200
35
× 45
110
130
9,6
6,5
3,2
B43504A2128M000
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 248.


Similar Part No. - B43504A5686M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A5686M000 EPCOS-B43504A5686M000 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43504A5686M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com