Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A9228M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41505A9228M000
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A9228M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41505A9228M000 Datasheet HTML 5Page - EPCOS B41505A9228M000 Datasheet HTML 6Page - EPCOS B41505A9228M000 Datasheet HTML 7Page - EPCOS B41505A9228M000 Datasheet HTML 8Page - EPCOS B41505A9228M000 Datasheet HTML 9Page - EPCOS B41505A9228M000 Datasheet HTML 10Page - EPCOS B41505A9228M000 Datasheet HTML 11Page - EPCOS B41505A9228M000 Datasheet HTML 12Page - EPCOS B41505A9228M000 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
264 10/02
Excellent Performance 105 °C
B41505 / B43505
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR ≤ 100 VDC
UR ≥ 200 VDC
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
0,5
110
40
0
50
60
90
70
80
100
A
˚C
T
B41505
2,5
1,5
1,0
2,0
3,5
3,0
KAL0543-Y
R
Ι~
Ι~
0,5
110
40
0
50
60
90
70
80
100
A
˚C
T
B43505
2,5
1,5
1,0
2,0
3,5
3,0
KAL0544-7
R
Ι~
Ι~


Similar Part No. - B41505A9228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A9228M000 EPCOS-B41505A9228M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
More results

Similar Description - B41505A9228M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com