Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE13005 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHE13005
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13005 Datasheet(HTML) 6 Page - NXP Semiconductors

  PHE13005 Datasheet HTML 1Page - NXP Semiconductors PHE13005 Datasheet HTML 2Page - NXP Semiconductors PHE13005 Datasheet HTML 3Page - NXP Semiconductors PHE13005 Datasheet HTML 4Page - NXP Semiconductors PHE13005 Datasheet HTML 5Page - NXP Semiconductors PHE13005 Datasheet HTML 6Page - NXP Semiconductors PHE13005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13005
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.16. TO220AB; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
February 1999
6
Rev 1.000


Similar Part No. - PHE13005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13005 NXP-PHE13005 Datasheet
422Kb / 12P
   Silicon diffused power transistor
Rev. 03-20 November 2009
logo
WeEn Semiconductors
PHE13005 WEEN-PHE13005 Datasheet
488Kb / 13P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X NXP-PHE13005X Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
logo
WeEn Semiconductors
PHE13005X WEEN-PHE13005X Datasheet
507Kb / 14P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X PHILIPS-PHE13005X_15 Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
More results

Similar Description - PHE13005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com