Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE13005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHE13005
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHE13005 Datasheet HTML 1Page - NXP Semiconductors PHE13005 Datasheet HTML 2Page - NXP Semiconductors PHE13005 Datasheet HTML 3Page - NXP Semiconductors PHE13005 Datasheet HTML 4Page - NXP Semiconductors PHE13005 Datasheet HTML 5Page - NXP Semiconductors PHE13005 Datasheet HTML 6Page - NXP Semiconductors PHE13005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13005
STATIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CEV
Collector cut-off current
1
V
BE(off) = -1.5V; VCE = VCESMmax
-
-
1.0
mA
I
CEV
V
BE(off) = -1.5V; VCE = VCESMmax;
-
-
5.0
mA
T
j = 100˚C
I
EBO
Emitter cut-off current
V
EB = 9V; IC = 0A
-
-
1
mA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 10mA
400
-
-
V
V
CEsat
Collector-emitter saturation voltage
I
C = 1.0A; IB = 0.2A
-
0.1
0.5
V
V
CEsat
I
C = 2.0A; IB = 0.5A
-
0.2
0.6
V
V
CEsat
I
C = 4.0A; IB = 1.0A
-
0.3
1.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 1.0A; IB = 0.2A
-
0.85
1.2
V
V
BEsat
I
C = 2.0A; IB = 0.5A
-
0.92
1.6
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
10
20
60
h
FEsat
I
C = 2.0A; VCE = 5V
8
17
40
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (resistive load)
I
Con = 2.0A; IBon = -IBoff = 0.4A;
R
L = 75Ω; VCC = 250V
t
s
Turn-off storage time
2.7
4
µs
t
f
Turn-off fall time
0.3
0.9
µs
Switching times (inductive load)
I
Con = 2.0A; IBon = 0.4A; LB = 1µH;
-V
BE(off) = 5V
t
s
Turn-off storage time
1.2
2
µs
t
f
Turn-off fall time
0.1
0.5
µs
Switching times (inductive load)
I
Con = 2.0A; IBon = 0.4A; LB = 1µH;
-V
BE(off) = 5V; Tj = 100˚C
t
s
Turn-off storage time
1.4
4
µs
t
f
Turn-off fall time
0.16
0.9
µs
1 Measured with half sine-wave voltage (curve tracer).
February 1999
2
Rev 1.000


Similar Part No. - PHE13005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13005 NXP-PHE13005 Datasheet
422Kb / 12P
   Silicon diffused power transistor
Rev. 03-20 November 2009
logo
WeEn Semiconductors
PHE13005 WEEN-PHE13005 Datasheet
488Kb / 13P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X NXP-PHE13005X Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
logo
WeEn Semiconductors
PHE13005X WEEN-PHE13005X Datasheet
507Kb / 14P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X PHILIPS-PHE13005X_15 Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
More results

Similar Description - PHE13005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com