Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41694A5108Q007 Datasheet(PDF) 5 Page - EPCOS

Part # B41694A5108Q007
Description  Axial-Lead and Soldering Star Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41694A5108Q007 Datasheet(HTML) 5 Page - EPCOS

  B41694A5108Q007 Datasheet HTML 1Page - EPCOS B41694A5108Q007 Datasheet HTML 2Page - EPCOS B41694A5108Q007 Datasheet HTML 3Page - EPCOS B41694A5108Q007 Datasheet HTML 4Page - EPCOS B41694A5108Q007 Datasheet HTML 5Page - EPCOS B41694A5108Q007 Datasheet HTML 6Page - EPCOS B41694A5108Q007 Datasheet HTML 7Page - EPCOS B41694A5108Q007 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
289 10/02
B41694 / B41794
Low ESR Up to 140 °C
Overview of available types
Case dimensions and ordering codes
Technical data
UR (VDC)
25
40
CR (µF)
Case dimensions
d
× l (mm)
330
12
× 30
470
14
× 25
1 000
16
× 30
18
× 30
1 500
16
× 39
18
× 39
UR
VDC
CR
µF
Case dim.
d
× l
mm
Ordering code
Axial
pallet package
Axial
reel
Soldering star
25
470
14
× 25
B41694A5477Q007
B41694A5477Q009
B41794A5477Q000
1 000
16
× 30
B41694A5108Q007
B41694A5108Q009
B41794A5108Q000
1 500
16
× 39
B41694A5158Q007
B41794A5158Q000
40
330
12
× 30
B41694A7337Q007
B41694A7337Q009
B41794A7337Q000
1 000
18
× 30
B41694A7108Q007
B41794A7108Q000
1 500
18
× 39
B41694A7158Q007
B41794A7158Q000
CR
100 Hz
20
°C
µF
ESR typ
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
ESR max
100 Hz
−40 °C
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
I~max
10 kHz
40
°C
A
I~max
10 kHz
85
°C
A
I~R
10 kHz
125
°C
A
25 VDC
470
110
170
0,9
70
65
5,90
5,15
2,25
1 000
55
90
0,5
40
38
8,20
7,15
3,15
1 500
40
60
0,4
28
26
11,20
9,80
4,30
40 VDC
330
130
210
0,9
70
67
6,30
5,45
2,40
1 000
50
85
0,4
35
33
8,50
7,40
3,25
1 500
35
60
0,3
25
24
11,50
10,00
4,45


Similar Part No. - B41694A5108Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41694A5108Q007 EPCOS-B41694A5108Q007 Datasheet
417Kb / 16P
   Aluminum electrolytic capacitors
B41694A5108Q007 EPCOS-B41694A5108Q007 Datasheet
431Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41694A5108Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com