Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501B2108M002 Datasheet(PDF) 9 Page - EPCOS

Part # B43501B2108M002
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501B2108M002 Datasheet(HTML) 9 Page - EPCOS

Back Button B43501B2108M002 Datasheet HTML 3Page - EPCOS B43501B2108M002 Datasheet HTML 4Page - EPCOS B43501B2108M002 Datasheet HTML 5Page - EPCOS B43501B2108M002 Datasheet HTML 6Page - EPCOS B43501B2108M002 Datasheet HTML 7Page - EPCOS B43501B2108M002 Datasheet HTML 8Page - EPCOS B43501B2108M002 Datasheet HTML 9Page - EPCOS B43501B2108M002 Datasheet HTML 10Page - EPCOS B43501B2108M002 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
243 10/02
Long Life 85 °C
B43501
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
60
40
0
50
70
80
A
T
˚C
90
B43501
1,0
0,5
1,5
2,5
2,0
KAL0541-H
R
Ι~
Ι~
5
0,9
0,8
1,0
10 2
1,1
1,2
1,3
1,5
510 3 Hz
f
2
KAL0697-4
B43501
Ι
100 Hz
~
~
Ι
f


Similar Part No. - B43501B2108M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501B2108M000 EPCOS-B43501B2108M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43501B2108M002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com