Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41693A5108Q007 Datasheet(PDF) 9 Page - EPCOS

Part # B41693A5108Q007
Description  Axial-Lead and Soldering Star Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693A5108Q007 Datasheet(HTML) 9 Page - EPCOS

Back Button B41693A5108Q007 Datasheet HTML 2Page - EPCOS B41693A5108Q007 Datasheet HTML 3Page - EPCOS B41693A5108Q007 Datasheet HTML 4Page - EPCOS B41693A5108Q007 Datasheet HTML 5Page - EPCOS B41693A5108Q007 Datasheet HTML 6Page - EPCOS B41693A5108Q007 Datasheet HTML 7Page - EPCOS B41693A5108Q007 Datasheet HTML 8Page - EPCOS B41693A5108Q007 Datasheet HTML 9Page - EPCOS B41693A5108Q007 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
314 10/02
B41693 / B41793
Up to 150 °C
Frequency factor of permissible
ripple current
I~
versus frequency
f
Frequency characteristics of
ESR
at different temperatures
Typical behavior
Equivalent series resistance
ESR
versus frequency
f at different temperatures
Typical behavior for 470
µF/63 V
Impedance Z
versus frequency
f at different temperatures
Typical behavior for 470
µF/63 V
10
f
KAL0611-2
0
B41693/793
2
510 3
Hz 10 4
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,2
Ι
Ι~
10 kHz
f
~
ø [mm] 12 14
18
16
R
U
75 VDC
100 VDC
eee d
cccc
63 VDC e e d d
40 VDC d d c c
25 VDC c c b b
d
e
c
b
5
10 1
f
KAL0612-A
0
1
2
3
4
5
7
510 2
510 3
10
Hz
4
85 ˚C
20 ˚C
40 ˚C
_
125 ˚C
B41693/793
ESR
10 kHz
ESR
f
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0613-I
10 1
_
10 2
_
10 0
10 1
B41693/793
_40 ˚C
_20 ˚C
20 ˚C
>
_ 60 ˚C
5
5
ESR
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0614-R
10 1
_
Z
10 2
_
10 0
10 1
B41693/793
40 ˚C
_
20 ˚C
_
20 ˚C
_
> 60 ˚C
5
5


Similar Part No. - B41693A5108Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41693A5108Q007 EPCOS-B41693A5108Q007 Datasheet
426Kb / 16P
   Aluminum electrolytic capacitors
B41693A5108Q007 EPCOS-B41693A5108Q007 Datasheet
445Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41693A5108Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com