Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046A
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046A Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4046A Datasheet HTML 6Page - Texas Instruments CD74HC4046A Datasheet HTML 7Page - Texas Instruments CD74HC4046A Datasheet HTML 8Page - Texas Instruments CD74HC4046A Datasheet HTML 9Page - Texas Instruments CD74HC4046A Datasheet HTML 10Page - Texas Instruments CD74HC4046A Datasheet HTML 11Page - Texas Instruments CD74HC4046A Datasheet HTML 12Page - Texas Instruments CD74HC4046A Datasheet HTML 13Page - Texas Instruments CD74HC4046A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
HCT Input Loading Table
INPUT
UNIT LOADS
INH
1
NOTE: Unit load is
∆ICC limit specific in DC Electrical Specifications
Table, e.g., 360
µA max. at 25oC.
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
PHASE COMPARATOR SECTION
Propagation Delay
tPLH, tPHL
SIGIN, COMPIN to PCIOUT
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
6
-
-
34
-
43
-
51
ns
SIGIN, COMPIN to PCPOUT
2
-
-
300
-
375
-
450
ns
4.5
-
-
60
-
75
-
90
ns
6
-
-
51
-
64
-
77
ns
SIGIN, COMPIN to PC3OUT
2
-
-
245
-
305
-
307
ns
4.5
-
-
49
-
61
-
74
ns
6
-
-
42
-
52
-
63
ns
Output Transition Time
tTHL, tTLH
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Output Enable Time, SIGIN,
COMPIN to PC2OUT
tPZH, tPZL
2
-
-
265
-
330
-
400
ns
4.5
-
-
53
-
66
-
80
ns
6
-
-
45
-
56
-
68
ns
Output Disable Time, SIGIN,
COMPIN to PC2OUT
tPHZ, tPLZ
2
-
-
315
-
395
-
475
ns
4.5
-
-
63
-
79
-
95
ns
6
-
-
54
-
67
-
81
ns
AC Coupled Input Sensitivity
(P-P) at SIGIN or COMPIN
VI(P-P)
3
-
11
-
-
-
-
-
mV
4.5
-
15
-
-
-
-
-
mV
6
-
33
-
-
-
-
-
mV
VCO SECTION
Frequency Stability with
Temperature Change
∆f
∆T
R1 = 100kΩ,
R2 =
3
-
0.11
-
-
-
-
-
%/oC
4.5
-
0.11
-
-
-
-
-
%/oC
6
-
0.11
-
-
-
-
-
%/oC
Maximum Frequency
fMAX
C1 = 50pF
R1 = 3.5kΩ
R2 =
3
-
24
-
-
-
-
-
MHz
4.5
-
24
-
-
-
-
-
MHz
6
-
24
-
-
-
-
-
MHz
C1 = 0pF
R1 = 9.1kΩ
R2 =
3
-
38
-
-
-
-
-
MHz
4.5
-
38
-
-
-
-
-
MHz
6
-
38
-
-
-
-
-
MHz
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A


Similar Part No. - CD74HC4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046A TI-CD74HC4046A Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AE TI-CD74HC4046AE Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AE TI-CD74HC4046AE Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AEE4 TI-CD74HC4046AEE4 Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Similar Description - CD74HC4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com