Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41693A8227Q007 Datasheet(PDF) 3 Page - EPCOS

Part # B41693A8227Q007
Description  Axial-Lead and Soldering Star Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693A8227Q007 Datasheet(HTML) 3 Page - EPCOS

  B41693A8227Q007 Datasheet HTML 1Page - EPCOS B41693A8227Q007 Datasheet HTML 2Page - EPCOS B41693A8227Q007 Datasheet HTML 3Page - EPCOS B41693A8227Q007 Datasheet HTML 4Page - EPCOS B41693A8227Q007 Datasheet HTML 5Page - EPCOS B41693A8227Q007 Datasheet HTML 6Page - EPCOS B41693A8227Q007 Datasheet HTML 7Page - EPCOS B41693A8227Q007 Datasheet HTML 8Page - EPCOS B41693A8227Q007 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
308 10/02
B41693 / B41793
Up to 150 °C
Dimensional drawings
Axial-lead capacitor
Dimensions, weights and packing units
d
× l
mm
dmax × lmax
mm
Approx. weight
g
Packing units (pieces)
Pallet
Reel
12
× 30
12,5
× 30,5
5,1
288
450
14
× 25
14,5
× 25,5
5,7
200
350
14
× 30
14,5
× 30,5
6,8
200
350
16
× 25
16,5
× 25,5
7,4
180
250
16
× 30
16,5
× 30,5
8,9
180
250
16
× 39
16,5
× 40
11,7
180
18
× 30
18,5
× 30,5
11,1
160
18
× 39
18,5
× 40
14,7
160
KAL0524-S
max
max
d
1,3+0,1
5
40 _
40 5
_
max +1,5
max +4


Similar Part No. - B41693A8227Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41693A8227Q007 EPCOS-B41693A8227Q007 Datasheet
426Kb / 16P
   Aluminum electrolytic capacitors
B41693A8227Q007 EPCOS-B41693A8227Q007 Datasheet
445Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41693A8227Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com