Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16100A1-7TL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S16100A1-7TL
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100A1-7TL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S16100A1-7TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16100A1-7TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
IS42S16100A1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. C
08/12/03
DC ELECTRICAL CHARACTERISTICS (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
0V
≤ VIN ≤ VDD, with pins other than
–5
5
µA
the tested pin at 0V
IOL
Output Leakage Current
Output is disabled, 0V
≤ VOUT ≤ VDD
–5
5
µA
VOH
Output High Voltage Level IOUT = –2 mA
2.4
V
VOL
Output Low Voltage Level
IOUT = +2 mA
0.4
V
ICC1
Operating Current(1,2)
One Bank Operation,
CAS latency = 3
-6
160
mA
Burst Length=1
Com.
-7
140
mA
tRC
≥ tRC (min.)
Ind.
-7
160
mA
IOUT = 0mA
Com.
-10
120
mA
Ind.
-10
140
mA
ICC2P
Precharge Standby Current CKE
≤ VIL (MAX)tCK = tCK (MIN) Com.
3
mA
Ind.
4
mA
ICC2PS
(In Power-Down Mode)
tCK =
Com.
2
mA
Ind.
3
mA
ICC3N
Active Standby Current
CKE
≥ VIH (MIN)tCK = tCK (MIN)—
40
mA
ICC3NS
(In Non Power-Down Mode)
tCK =
Com.
30
mA
Ind.
30
mA
ICC4
Operating Current
tCK = tCK (MIN)
CAS latency = 3
-6
150
mA
(In Burst Mode)(1)
IOUT = 0mA
Com.
-7
130
mA
Ind.
-7
150
mA
Com.
-10
140
mA
Ind.
-10
160
mA
CAS latency = 2
-6
150
mA
Com.
-7
130
mA
Ind.
-7
150
mA
Com.
-10
140
mA
Ind.
-10
160
mA
ICC5
Auto-Refresh Current
tRC = tRC (MIN)
CAS latency = 3
-6
100
mA
Com.
-7
70
mA
Ind.
-7
90
mA
Com.
-10
140
mA
Ind.
-10
160
mA
CAS latency = 2
-6
100
mA
Com.
-7
70
mA
Ind.
-7
90
mA
Com.
-10
140
mA
Ind.
-10
160
mA
ICC6
Self-Refresh Current
CKE
≤ 0.2V
-—
1
mA
Notes:
1. These are the values at the minimum cycle time. Since the currents are transient, these values decrease as the cycle time
increases. Also note that a bypass capacitor of at least 0.01 µF should be inserted between VDD and GND for each
memory chip to suppress power supply voltage noise (voltage drops) due to these transient currents.
2. Icc1 and Icc4 depend on the output load. The maximum values for Icc1 and Icc4 are obtained with the output open state.


Similar Part No. - IS42S16100A1-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100A1-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com