Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616-12T Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616-12T
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616-12T Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616-12T Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. C
11/01/01
IS61LV25616
ISSI®
DATA VALID
READ1.eps
PREVIOUS DATA VALID
t AA
t OHA
t OHA
t RC
DOUT
ADDRESS
tRC
tOHA
tAA
tDOE
tLZOE
tACE
tLZCE
tHZOE
HIGH-Z
DATA VALID
UB_CEDR2.eps
tHZB
ADDRESS
OE
CE
LB, UB
DOUT
tHZCE
tBA
tLZB
tRC
tPD
ISB
ICC
50%
VCC
Supply
Current
50%
tPU
READ CYCLE NO. 2(1,3)
AC WAVEFORMS
READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE, UB, or LB = VIL.
3. Address is valid prior to or coincident with
CE LOW transition.


Similar Part No. - IS61LV25616-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616-12T ICSI-IS61LV25616-12T Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-12T ISSI-IS61LV25616-12T Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616-12TI ICSI-IS61LV25616-12TI Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-12TI ISSI-IS61LV25616-12TI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com