Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7I643684M-FC30 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7I643684M-FC30
Description  72Mb DDRII SRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I643684M-FC30 Datasheet(HTML) 4 Page - Samsung semiconductor

  K7I643684M-FC30 Datasheet HTML 1Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 2Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 3Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 4Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 5Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 6Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 7Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 8Page - Samsung semiconductor K7I643684M-FC30 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2Mx36 & 4Mx18 DDRII CIO b4 SRAM
K7I643684M
K7I641884M
- 4 -
Rev. 1.3 March 2007
PIN CONFIGURATIONS(TOP VIEW) K7I643684M(1Mx36)
Notes: 1. * Checked No Connect(NC) pins are reserved for higher density address, i.e. 2A for 144Mb.
2. BW0 controls write to DQ0:DQ8, BW1 controls write to DQ9:DQ17, BW2 controls write to DQ18:DQ26 and BW3 controls write to DQ27:DQ35.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA*
SA
R/W
BW2
K
BW1
LD
SA
SA
CQ
B
NC
DQ27
DQ18
SA
BW3
KBW0
SA
NC
NC
DQ8
C
NC
NC
DQ28
VSS
SA
SA0
SA1
VSS
NC
DQ17
DQ7
D
NC
DQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
E
NC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
K
NC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
N
NC
DQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA0,SA1
6C,7C
Burst Count Address Inputs
SA
3A,9A,10A,4B,8B,5C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
DQ0-35
2B,3B,11B,3C,10C,11C,2D,3D,11D,3E,10E,11E,2F,3F
11F,2G,3G,11G,3J,10J,11J,3K,10K,11K,2L,3L,11L
3M,10M,11M,2N,3N,11N,3P,10P,11P
Data Inputs Outputs
R/W
4A
Read, Write Control Pin, Read active
when high
LD
8A
Synchronous Load Pin, bus Cycle
sequence is to be defined when low
BW0, BW1,BW2, BW3
7B,7A,5A,5B
Block Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply (1.8 V)
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply (1.5V or 1.8V)
VSS
4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,
4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
2A,1B,9B,10B,1C,2C,9C,1D,9D,10D,1E,2E,9E,
1F,9F,10F,1G,9G,10G,1J,2J,9J,1K,2K,9K
1L,9L,10L,1M,2M,9M,1N,9N,10N,1P,2P,9P
No Connect
3


Similar Part No. - K7I643684M-FC30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI16 SAMSUNG-K7I643682M-EI16 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI20 SAMSUNG-K7I643682M-EI20 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI25 SAMSUNG-K7I643682M-EI25 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI30 SAMSUNG-K7I643682M-EI30 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
More results

Similar Description - K7I643684M-FC30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com