Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA15 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # HA15
Description  150 mA C-MOS L.D.O. Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

HA15 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  HA15 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. HA15 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150 mA C-MOS L.D.O. Regulator
LM1185SF
ELECTRICAL CHARACTERISTICS
(at Ta = 25℃, VIN = Vout+0.5V, unless otherwise noted)
0702 Taejin Technology Co.,Ltd.
HTC
2
ABSOLUTE MAXIMUM RATING (Note 1)
Supply Voltage (Vin)
+6.5V
Output Current (Iout)
150 mA
Output Voltage (Vout)
Vss-0.3 to Vin+0.3V
Total Power Dissipation (Pd) SOT-23-5L
300 mW
SOT-89-5L
500 mW
Operating Ambient Temperature (Topr)
-30 ~ +80 °C
Lead Temperature (soldering, 5 sec)
260°C
Storage Temperature (Tstg)
-40 ~ +125 °C


Similar Part No. - HA15

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HA15 JGD-HA15 Datasheet
163Kb / 2P
   1.0 AMP.HIGH EFFICIENCY RECTIFIERS
logo
SL Power Electronics
HA15-0.9-A++ SLPOWER-HA15-0.9-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HA15-0.9-A+(12V)G SLPOWER-HA15-0.9-A+(12V)G Datasheet
374Kb / 7P
   DC Power Supplies
HA15-0.9-A+G SLPOWER-HA15-0.9-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HA15-0.9-AG POWER-ONE-HA15-0.9-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
More results

Similar Description - HA15

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
   150 mA C-MOS L.D.O. Regulator
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
ABLIC Inc.
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
   105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
   300mA CMOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
   600mA CMOS L.D.O. Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com